Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 85 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 81Page - STMicroelectronics RM0352 Datasheet HTML 82Page - STMicroelectronics RM0352 Datasheet HTML 83Page - STMicroelectronics RM0352 Datasheet HTML 84Page - STMicroelectronics RM0352 Datasheet HTML 85Page - STMicroelectronics RM0352 Datasheet HTML 86Page - STMicroelectronics RM0352 Datasheet HTML 87Page - STMicroelectronics RM0352 Datasheet HTML 88Page - STMicroelectronics RM0352 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
DocID024647 Rev 1
85/138
RM0352
I2C bus interface
137
10.2.9
I2C baud-rate counter register (I2C_BRCR)
Table 79. I2C baud-rate counter register (I2C_BRCR)
Address:
I2CBaseAddress + 0x28
Type:
R/W
Reset:
0x00000008
Note:
A master operating in fast mode can operate with a slave in standard mode(< 100 Kb/s). But
in this case, the master should be programmed in standard mode to generate the
appropriate bit-rate.
Theoretically the minimum input clock frequency for the I²C
•
If the I
2
C is in standard mode at 100 kHz is 1.4 MHz
•
If the I
2
C is in fast mode at 400 kHz is 7.2 MHz.
I2C baud-rate counter register (I2C_BRCR)
31
30
29
28
27
26 25
24 23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
BRCNT2
R/W
R/W
Description:
[31:16] RESERVED
[15:0]
BRCNT2: baud rate counter 2. BRCNT2 defines the counter value used to
setup the I
2
C baud rate in standard and fast mode, when the peripheral is
operating in master mode, as described in :
Equation 2
Baud rate (fast) = fi2cclk / ((BRCNT2x3) + Foncycle)
Baud rate (standard) = fi2cclk / ((BRCNT2 x 2) + Foncycle)
The Foncycle means the delay between the SCL/SDA bus and the internal
SCL/SDA (i.e the SCL/SDA after filtering).
I2C_CR:FON = “00” => filter the clock spike wide = 0 => foncycle = 1
I2C_CR:FON = “01” => filter the clock spike wide = 1 => foncycle = 3
I2C_CR:FON = “10” => filter the clock spike wide = 2 => foncycle = 4
I2C_CR:FON = “11” => filter the clock spike wide = 4 => foncycle = 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com