Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 64 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 60Page - STMicroelectronics RM0352 Datasheet HTML 61Page - STMicroelectronics RM0352 Datasheet HTML 62Page - STMicroelectronics RM0352 Datasheet HTML 63Page - STMicroelectronics RM0352 Datasheet HTML 64Page - STMicroelectronics RM0352 Datasheet HTML 65Page - STMicroelectronics RM0352 Datasheet HTML 66Page - STMicroelectronics RM0352 Datasheet HTML 67Page - STMicroelectronics RM0352 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
ARM© dual timer module (SP804)
RM0352
64/138
DocID024647 Rev 1
Timer peripheral ID1 register, TimerPeriphID1
The TimerPeriphID1 register is hard-coded and the fields in the register determine the reset
value.
Table 58 lists the bit assignments of the register.
Timer peripheral ID2 register, TimerPeriphID2
The TimerPeriphID2 register is hard-coded and the fields in the register determine the reset
value.
Table 59 lists the bit assignment of the register.
Timer peripheral ID3 register, TimerPeriphID3
The TimerPeriphID3 register is hard-coded and the fields in the register determine the reset
value.
Table 60 shows the bit assignments of the register.
PrimeCell identification registers, TimerPCellID0-3
The TimerPCellID0-3 registers are four 8-bit registers, that span address locations 0xFF0-
0xFFC. The read-only registers can conceptually be treated as a 32-bit register. The register
is used as a standard cross-peripheral identification system. The TimerPCellID register is
set to 0xB105F00D.
Figure 14 shows the bit assignment for the registers.
Table 58. Timer peripheral ID1 register bit assignments
Bit
Name
Description
[31:8]
-
RESERVED, read undefined, must be written as zeros
[7:4]
Designer0
These bits read back as 0x1
[3:0]
PartNumber1
These bits read back as 0x8
Table 59. Timer peripheral ID2 register bit assignments
Bit
Name
Description
[31:8]
-
RESERVED, read undefined, must be written as zeros
[7:4]
Revision
These bits read back as 0x1
[3:0]
Designer1
These bits read back as 0x4
Table 60. TimerPeriphID3 register bit assignments
Bit
Name
Description
[31:8]
-
RESERVED, read undefined, must be written as zeros
[7:0]
Configuration
These bits read back as 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com