Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 43 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 39Page - STMicroelectronics RM0352 Datasheet HTML 40Page - STMicroelectronics RM0352 Datasheet HTML 41Page - STMicroelectronics RM0352 Datasheet HTML 42Page - STMicroelectronics RM0352 Datasheet HTML 43Page - STMicroelectronics RM0352 Datasheet HTML 44Page - STMicroelectronics RM0352 Datasheet HTML 45Page - STMicroelectronics RM0352 Datasheet HTML 46Page - STMicroelectronics RM0352 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
DocID024647 Rev 1
43/138
RM0352
Watchdog timer (WDG)
137
7.2.5
Watchdog raw interrupt status register WDT_RIS
The WDTRIS register is the raw interrupt status register. This value is ANDed with the
interrupt enable bit from the control register to create the masked interrupt, which is passed
to the interrupt output pin.
Table 36 shows the bit assignment of the WDTRIS register.
Table 35. Watchdog raw interrupt status register WDT_RIS
7.2.6
Watchdog masked interrupt status register WDT_MIS
The WDT_MIS register is the masked interrupt status register. This value is the logical AND
of the raw interrupt status with the timer interrupt enable bit from the control register, and is
the same value which is passed to the interrupt output pin. This register is read-only, and all
bits are cleared by a reset.
Table 37. Watchdog masked interrupt status register WDT_MIS
WDT_RIS (WDT Base + 0x010)
Reset value: 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RESERVED
WDTRIS
RR
Table 36. WDT_RIS register bit fields
Bit field
Function
WDTRIS
Watchdog raw interrupt status bit
Reflect the status of interrupt status from the watchdog. Read-only bit. Write has no effect.
0b: watchdog interrupt is not set.
1b: watchdog interrupt is set.
WDT_MIS (WDT Base + 0x014)
Reset value: 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987654321
0
RESERVED
WDTMIS
RR
Table 38. WDT_MIS register bit fields
Bit field
Function
WDTMIS
Watchdog masked interrupt status bit
Masked value of watchdog interrupt status:
0b: watchdog line interrupt not active.
1b: watchdog line asserting interrupt. Read-only bit. Write has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com