Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 19 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 15Page - STMicroelectronics RM0352 Datasheet HTML 16Page - STMicroelectronics RM0352 Datasheet HTML 17Page - STMicroelectronics RM0352 Datasheet HTML 18Page - STMicroelectronics RM0352 Datasheet HTML 19Page - STMicroelectronics RM0352 Datasheet HTML 20Page - STMicroelectronics RM0352 Datasheet HTML 21Page - STMicroelectronics RM0352 Datasheet HTML 22Page - STMicroelectronics RM0352 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
DocID024647 Rev 1
19/138
RM0352
GPIO
137
4
GPIO
The Brain device proposes 11 programmable I/Os.
Each GPIO provides one programmable input or output that can be controlled in three
modes:
•
GPIO Port mode: direction and data are programmed through registers (see
Table 5:
GPIO configuration registers)
•
Serial 0 and Serial 1 modes: the GPIO becomes a peripheral input or output line (see
Table 4: GPIO alternate options)
Each GPIO can generate an interrupt independently to the selected mode. Interrupts are
generated depending on a level or edge. (See
Table 5: GPIO configuration registers and
Table 6: Edge/level and rising/falling edge interrupt configuration for more details).
The base address of the GPIO block in the Brain memory map is 0xA000_0000.
Table 4. GPIO alternate options(1) (2) (3)
1.
The white color covers resources dedicated to the fix 1.8 V power supply while the gray one are pin
resources on the wide range from 1.8 V to 3.3 V power supply.
2.
In serial mode 0, I/O 3 MUST be configured as an I
2
C mode pad (i.e. I2C_CONF[1] = 1).
In serial mode 1 and GPIO port mode, IO3 MUST be configured as normal mode (I2C_CONF[1] = 0).
3.
After reset, IO6 outputs the 80 MHz clock divided by five.
Pin
no.
Ref.
Pull
Serial mode 0
Serial mode 1
GPIO port mode
GPIO_MODE_W = “00” GPIO_MODE_W = “01” GPIO_MODE_W = “10”
Type
Signal
Type
Signal
Type
Signal
2
IO0
Down
I/O
SW_TDIO/
JTAG TMS
I
UART_CTS
I/O
GPIO0
3
IO1
Down
I
SW_TCK/J
TAG TCK
O
UART_RTS
I/O
GPIO1
4IO2
Up
I
I
2
C2_SCL
O
UART_TXD
I/O
GPIO2
6
IO3
Down
I/O
I
2
C2_SDA
I
UART_RXD
I/O
GPIO3
7
IO4
Down
O
JTAG TDO
I
NA
I/O
GPIO4
8
IO5
Down
I
JTAG TDI
I
NA
I/O
GPIO5
9
IO8
Up
I/O
I
2
C1 SDA
O
SPI_OUT
I/O
GPIO8
10
IO6
Down
O
Divided
CLK80M
O
CLK32K
I/O
GPIO6
11
IO7
Up
I/O
I
2
C1 SCL
I/O
SPI_CLK
I/O
GPIO7
15
IO10
Down
I
NA
I
SPI_IN
I/O
GPIO10
16
IO9
Up
I
NA
I
SPI_CS
I/O
GPIO9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com