Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 63 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 59Page - STMicroelectronics RM0352 Datasheet HTML 60Page - STMicroelectronics RM0352 Datasheet HTML 61Page - STMicroelectronics RM0352 Datasheet HTML 62Page - STMicroelectronics RM0352 Datasheet HTML 63Page - STMicroelectronics RM0352 Datasheet HTML 64Page - STMicroelectronics RM0352 Datasheet HTML 65Page - STMicroelectronics RM0352 Datasheet HTML 66Page - STMicroelectronics RM0352 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 138 page
background image
DocID024647 Rev 1
63/138
RM0352
ARM© dual timer module (SP804)
137
Figure 13 shows the bit assignments for the registers.
Figure 13. Peripheral identification register bit assignment
Note:
When you design a system memory map you must remember that the peripheral has
a 4KB-memory footprint. The 4-bit revision number is implemented by instantiating
a component called RevAnd four times with its inputs tied off as appropriate, and the output
sent to the read multiplexor. All memory accesses to the peripheral identification registers
must be 32-bit, using the LDR instructions.
The four, 8-bit peripheral identification registers are described in the following subsections:
Timer peripheral ID0 register, TimerPeriphID0
Timer peripheral ID1 register, TimerPeriphID1
Timer peripheral ID2 register, TimerPeriphID2
Timer peripheral ID3 register, TimerPeriphID3
Timer peripheral ID0 register, TimerPeriphID0
The TimerPeriphID0 register is hard-coded and the fields in the register determine the reset
value.
Table 57 lists the bit assignments of the register.
Table 57. Timer peripheral ID0 register bit assignments
Bit
Name
Description
[31:8]
-
RESERVED, read undefined must be written as zeros
[7:0]
PartNumber0
These bits read back as 0x04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com