Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 72 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 68Page - STMicroelectronics RM0352 Datasheet HTML 69Page - STMicroelectronics RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics RM0352 Datasheet HTML 75Page - STMicroelectronics RM0352 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
I2C bus interface
RM0352
72/138
DocID024647 Rev 1
I
2
C Base +0x034
I2C_MISR
I
2
C masked interrupt status register. See
Section 10.2.12: I2C
masked interrupt status register (I2C_MISR) on page 92.
I
2
C Base +0x038
I2C_ICR
I
2
C interrupt set and clear register. See
Section 10.2.13: I2C
interrupt clear register (I2C_ICR) on page 93.
I
2
C Base + 0x03C
to 0x048
RESERVED
RESERVED for test.
I
2
C Base +0x04C
I2C_THDDAT
I
2
C hold time data. See
Section 10.2.14: I2C hold time data
(I2C_THDDAT) on page 93.
I
2
C Base +0x050
I2C_THDSTA_FST_STD
I
2
C hold time START condition F/S. See
Section 10.2.15: I2C hold
time START condition F/S (I2C_THDSTA_FST_STD) on page 94.
I
2
C Base +0x054
RESERVED
This register must not be written and must keep its reset value
I
2
C Base +0x058
I2C_TSUSTA_FST_STD
I
2
C setup time START condition F/S. See
Section 10.2.16: I2C
setup time START condition F/S (I2C_TSUSTA_FST_STD) on
page 95.
I
2
C Base +0x05C
RESERVED
RESERVED
I
2
C Base +0x060
I2C_SMB_SCR
SMBUS slave control register. See
Section 10.2.17: SMBUS
slave control register (I2C_SMB_SCR) on page 95.
I
2
C Base +0xFE0
I2C_PeriphID0
Peripheral identification register bits 7:0. See
Section 10.2.18: I2C
peripheral identification register 0 (I2C_PERIPHID0) on page 96.
I
2
C Base +0xFE4
I2C_PeriphID1
Peripheral identification register bits 15:8. See
Section 10.2.19:
I2C peripheral identification register 1 (I2C_PERIPHID1) on
page 96.
I
2
C Base +0xFE8
I2C_PeriphID2
Peripheral identification register bits 23:16. See
Section 10.2.20:
I2C peripheral identification register 2 (I2C_PERIPHID2) on
page 97.
I
2
C Base +0xFEC
I2C_PeriphID3
Peripheral identification register bits 31:24. See
Section 10.2.21:
I2C peripheral identification register 3 (I2C_PERIPHID3) on
page 97.
I
2
C Base +0xFF0
I2C_PCellID0
IPCell identification register bits 7:0. See
Section 10.2.22: I2C
PCell identification register 0 (I2C_PCELLID0) on page 98.
I
2
C Base +0xFF4
I2C_PCellID1
IPCell identification register bits 15:8. See
Section 10.2.23: I2C
PCell identification register 1 (I2C_PCELLID1) on page 98.
I
2
C Base +0xFF8
I2C_PCellID2
IPCell identification register bits 23:16. See
Section 10.2.24: I2C
PCell identification register 2 (I2C_PCELLID2) on page 99.
I
2
C Base +0xFFC
I2C_PCellID3
IPCell identification register bits 31:24. See
Section 10.2.25: I2C
PCell identification register 3 (I2C_PCELLID3) on page 99.
1.
All the I
2
C configuration registers (I2C_CR (excluded PE, FTX and FRX bits, etc.) can be modified only when the device is
disabled (I2C_CR:PE bit is reset) to avoid synchronization problems with the different clock domains (system, I
2
C clocks).
Table 70. I2C register list(1) (continued)
Address
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com