Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 62 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 58Page - STMicroelectronics RM0352 Datasheet HTML 59Page - STMicroelectronics RM0352 Datasheet HTML 60Page - STMicroelectronics RM0352 Datasheet HTML 61Page - STMicroelectronics RM0352 Datasheet HTML 62Page - STMicroelectronics RM0352 Datasheet HTML 63Page - STMicroelectronics RM0352 Datasheet HTML 64Page - STMicroelectronics RM0352 Datasheet HTML 65Page - STMicroelectronics RM0352 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
ARM© dual timer module (SP804)
RM0352
62/138
DocID024647 Rev 1
Raw interrupt status register, TimerXRIS
The TimerXRIS register indicates the raw interrupt status from the counter. The bit
assignment is listed in
Table 54.
Masked interrupt status register, TimerXMIS
The TimerXMIS register indicates the masked interrupt status from the counter. This value is
the logical AND of the raw interrupt status with the Timer Interrupt Enable bit from the
control register, and is the same value which is passed to the interrupt output pin, TIMINTX.
The bit assignment is listed in
Table 55.
Background load register, TimerXBGLoad
The TimerXBGLoad register is a 32-bit register that contains the value from which the
counter is to decrement. This is the value used to reload the counter when Periodic mode is
enabled, and the current count reaches zero.
This provides an alternative method of accessing the TimerXLoad register. The difference is
that writes to TimerXBGLoad do not cause the counter to restart from the new value
immediately.
Reading from this register returns the same value returned from TimerXLoad. See
Section :
Load register, TimerXLoad on page 60 for more information.
Peripheral identification registers, TimerPeriphID0-3
The TimerPeriphID0-3 registers are four 8-bit registers, that span address location 0xFE0 -
0xFEC. The registers can conceptually be treated as a 32-bit register. The read-only
registers provide the peripheral options listed in
Table 56.
Table 54. Raw interrupt status register bit assignments
Bits
Name
Type
Function
[31:1]
-
-
RESERVED bits, do not modify, and ignore on read
[0]
TimerXRIS
Read
Raw interrupt status from the counter
Table 55. Masked interrupt status register bit assignments
Bits
Name
Type
Function
[31:1]
-
-
RESERVED bits, do not modify, and ignore on read
[0]
TimerXMIS
Read
Enabled interrupt status from the counter
Table 56. Peripheral identification register options
Bits
Function
PartNumber[11:0]
This is used to identify the peripheral. The three digits product code 0x804 is used.
Designer ID[19:12]
This is the identification of the designer. ARM Limited is 0x41 (ASCII A).
Revision[23:20]
This is the revision number of the peripheral. The revision number starts from 0.
Configuration[31:24]
This is the configuration option of the peripheral. The configuration value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com