| Electronic Components Datasheet Search |
|
RM0352 Datasheet(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Datasheet(HTML) 81 Page - STMicroelectronics |
|
81 / 138 page ![]() DocID024647 Rev 1 81/138 RM0352 I2C bus interface 137 [20] SMBDEFAULT: SMBus device default address (slave mode) 0: no SMBus device default address 1: SMBus device default address received when ENARP = 1 • Cleared by hardware after a STOP condition or repeated START condition, or when PE = 0. [19:9] LENGTH: transfer length. For an MR, WTS operation the LENGTH field defines the actual size of the subsequent payload, in terms of number of bytes. For an MW, RFS operation the LENGTH field defines the actual number of bytes transferred by the master/slave device. For a WTS operation if the transfer length exceeds 2047 bytes, the operation is stopped by the slave returning a NACK handshake and the flag OVFL is set. For an RFS operation if the transfer length exceeds 2047 bytes, the operation continues normally but the LENGTH field is reset to 0. [8:7] TYPE: receive type. Valid only for the operation WTS 00: FRAME: the slave has received a normal frame 01: GCALL: the slave has received a general call. If the it I2C_CR:SGCM is set to 1, the general call is directly executed without software intervention and only the control code word is reported in the FIFO (LENGTH = 0). 10: HW_GCALL: The slave has received a hardware general call. 11: RESERVED [6:4] CAUSE: abort cause. This field is valid only when the STATUS field contains the ABORT tag. Others: RESERVED. 000: NACK_ADDR: the master receives a not-acknowledge after the transmission of the address. Valid for the operations MW, MR. 001: NACK_DATA: the master receives a not-acknowledge during the data phase of an MW operation. Valid for the operation MW. 010: ACK_MCODE: the master receives an acknowledge after the transmission of the master code in Hs mode. Valid for the operations MW, MR in HS mode. 011: ARB_LOST: the master loses the arbitration during a MW or MR operation. Valid for the operations MW, MR. 100: BERR_START: the slave restarts, a START condition occurs while the byte transfer is not terminated. 101: BERR_STOP: the slave resets, a STOP condition while the byte transfer is not terminated. 110: OVFL: the slave receives a frame related to the WTS operation longer than the maximum size = 2047 bytes. In this case the slave device returns a NACK to complete the data transfer. Valid for a WTS operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |