Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 87 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 83Page - STMicroelectronics RM0352 Datasheet HTML 84Page - STMicroelectronics RM0352 Datasheet HTML 85Page - STMicroelectronics RM0352 Datasheet HTML 86Page - STMicroelectronics RM0352 Datasheet HTML 87Page - STMicroelectronics RM0352 Datasheet HTML 88Page - STMicroelectronics RM0352 Datasheet HTML 89Page - STMicroelectronics RM0352 Datasheet HTML 90Page - STMicroelectronics RM0352 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
DocID024647 Rev 1
87/138
RM0352
I2C bus interface
137
[23] SALM: slave arbitration lost mask. SALM enables the interrupt bit SAL.
(SMBUS mode)
0: SAL interrupt is disabled.
1: SAL interrupt is enabled.
[20] STDM: slave transaction done mask. STDM enables the interrupt bit STD.
0: STD interrupt is disabled.
1: STD interrupt is enabled.
[19]
MTDM: master transaction done mask. MTDM enables the interrupt bit
MTD.
0: MTD interrupt is disabled.
1: MTD interrupt is enabled.
[18]
WTSRM: write-to-slave request mask. WTSRM enables the interrupt bit
WTSR.
0: WTSR interrupt is disabled.
1: WTSR interrupt is enabled.
[17]
RFSEM: read-from-slave empty mask. RFSEM enables the interrupt bit
RFSE.
0: RFSE interrupt is disabled.
1: RFSE interrupt is enabled.
[16]
RFSRM: read-from-slave request mask. RFSRM enables the interrupt bit
RFSR.
0: RFSR interrupt is disabled.
1: RFSR interrupt is enabled.
[15]
LBRM: length number of bytes received mask. LBRM enables the interrupt
bit LBR(SMBUS).
0: LBR interrupt is disabled.
1: LBR interrupt is enabled.
[6]
RXFFM: Rx FIFO full mask. RXFFM enables the interrupt bit RXFF.
0: RXFF interrupt is disabled.
1: RXFF interrupt is enabled.
[5]
RXFNFM: Rx FIFO nearly full mask. RXFN FM enables the interrupt bit
RXFNF.
0: RXFNF interrupt is disabled.
1: RXFNF interrupt is enabled.
[4]
RXFEM: Rx FIFO empty mask. RXFEM enables the interrupt bit RXFE.
0: RXFE interrupt is disabled.
1: RXFE interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com