Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0352 Datasheet(PDF) 94 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 90Page - STMicroelectronics RM0352 Datasheet HTML 91Page - STMicroelectronics RM0352 Datasheet HTML 92Page - STMicroelectronics RM0352 Datasheet HTML 93Page - STMicroelectronics RM0352 Datasheet HTML 94Page - STMicroelectronics RM0352 Datasheet HTML 95Page - STMicroelectronics RM0352 Datasheet HTML 96Page - STMicroelectronics RM0352 Datasheet HTML 97Page - STMicroelectronics RM0352 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
I2C bus interface
RM0352
94/138
DocID024647 Rev 1
Note:
The reset value is valid only when I2C frequency equal to 48 MHz. If frequency changes the
user must program the register and this value must be greater than 4.
To set the timing register we use
Equation 3.
•
Standard, fast-mode and fast-mode plus:
Equation 3
Thd-dat = N * Ti2c-clk + Pad_delay
with:
N: value to be programmed
Thd-dat: value required by I2C standard
Pad_delay: Pad delay
10.2.15
I2C hold time START condition F/S (I2C_THDSTA_FST_STD)
Table 85. I2C hold time START condition F/S (I2C_THDSTA_FST_STD)
Address:
I2CBaseAddress + 0x050
Type:
RW
Reset:
0x003F00E2
Description:
The I2C_THDSTA_FST_STD register, that controls the hold time START
condition for F/S mode. The register is read-write.
[8:0] I2C_THDDAT: hold time data value
In master or slave mode, when the I
2
C controller detect a failing edge in SCL
line, the counter, which is loaded by the I2C_THDDAT, is launched. Once the
I2C_THDDAT value is reached, the data is transferred.
I2C hold time START condition F/S (I2C_THDSTA_FST_STD)
31
30 29
28 27
26
25
24
23 22 21 20 19 18 17
16
15 14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
I2C_THDSTA_FST
RESERVED
I2C_THDSTA_STD
RRW
R
RW
[24:16] I2C_THDSTA_FST: hold time START condition value for fast mode. When
the START condition is asserted, the decimeter loads the value of the
I2C_THDSTA_FST for fast mode, once the I2C_THDSTA_FST value is
reached the SCL line asserts low.
[8:0] I2C_THDSTA_STD: hold time START condition value for standard mode
When the START condition is asserted, the decimeter loads the value of
I2C_THDSTA_STD for standard mode, once the I2C_THDSTA_STD value is
reached the SCL line asserts low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com