Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 310Page - Renesas Technology Corp UPD17708 Datasheet HTML 311Page - Renesas Technology Corp UPD17708 Datasheet HTML 312Page - Renesas Technology Corp UPD17708 Datasheet HTML 313Page - Renesas Technology Corp UPD17708 Datasheet HTML 314Page - Renesas Technology Corp UPD17708 Datasheet HTML 315Page - Renesas Technology Corp UPD17708 Datasheet HTML 316Page - Renesas Technology Corp UPD17708 Datasheet HTML 317Page - Renesas Technology Corp UPD17708 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 358 page
background image
312
µPD17704, 17705, 17707, 17708, 17709
Example 2.
R1
MEM
0.01H
; 1st digit of key input data of security code
R2
MEM
0.02H
; 2nd digit of key input data of security code
R3
MEM
0.03H
; 1st digit data when security code is changed
R4
MEM
0.04H
; 2nd digit data when security code is changed
M1
MEM
0.11H
; 1st digit of current security code
M2
MEM
0.12H
; 2nd digit of current security code
CHANGE
FLG
0.13H.0
; “1” while security code is changed
START:
Key input processing
R1
← contents of key A
; Security code input wait mode
R2
← contents of key B
; Substitutes contents of pressed key to R1 and R2
SKT1
CHANGE
; <4> ; If CHANGE flag is “1”
BR
SECURITY_CHK
ST
M1, R3
; Rewrites M1 and M2
ST
M2, R4
CLR1
CHANGE
SECURITY_CHK:
SET2
CMP, Z
; <1> ; Compares security code and input data
SUB
R1, M1
SUB
R2, M2
SKT1
Z
BR
ERROR
; Input data differs from security code
MAIN:
Key input processing
R3
← contents of key C
; Security code rewriting mode
R4
← contents of key D
; Substitutes contents of pressed key to R3 and R4
SET1
CHANGE
; <5> ; Until security code is changed,
; Sets CHANGE flag to “1”
ST
M1, R3
; <2> ; Rewrites security code
ST
M2, R4
; <3>
CLR1
CHANGE
; If security code has been changed,
; Sets CHANGE flag to “0”
BR
MAIN
ERROR:
Must not operate
The program in Example 2 sets the CHANGE flag to “1” in <5> before the security code is rewritten in <2> and
<3>.
Therefore, even if CE reset is effected before <3> is executed, the security code is rewritten in <4>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com