Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 311Page - Renesas Technology Corp UPD17708 Datasheet HTML 312Page - Renesas Technology Corp UPD17708 Datasheet HTML 313Page - Renesas Technology Corp UPD17708 Datasheet HTML 314Page - Renesas Technology Corp UPD17708 Datasheet HTML 315Page - Renesas Technology Corp UPD17708 Datasheet HTML 316Page - Renesas Technology Corp UPD17708 Datasheet HTML 317Page - Renesas Technology Corp UPD17708 Datasheet HTML 318Page - Renesas Technology Corp UPD17708 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 358 page
background image
313
µPD17704, 17705, 17707, 17708, 17709
21.3 Power-ON Reset
Power-ON reset is effected by raising the supply voltage VDD of the device from a specific level (called a power-
ON clear voltage).
If supply voltage VDD is lower than the power-ON clear voltage, a power-ON clear signal (POC) is output from the
voltage detection circuit shown in Figure 21-1.
When the power-ON clear signal is input to the reset control circuit, the crystal oscillation circuit is stopped and
consequently, the device operation is stopped.
At this time, the program counter, stack, system registers, and control registers are initialized (for the initial value,
refer to the description of each register).
If supply voltage VDD exceeds the power-ON clear voltage, the power-ON clear signal is deasserted, crystal
oscillation is started, and the device waits for release of the halt status by the basic timer 0 carry which has been
initialized to 100 ms. Program execution is started from address 0 at the rising edge of the basic timer 0 carry FF
setting signal 50 ms after the supply voltage has exceeded the power-ON clear voltage.
Normally, the power-ON clear voltage is 3.5 V, but it is 2.2 V in the clock stop status.
The operations of power-ON reset are described in 21.3.1 and 21.3.2.
The operation when supply voltage VDD is raised from 0 V is described in 21.3.3.
Caution Although it is stated that the normal power-ON clear voltage is 3.5 V (MAX.) and that in the clock
stop status is 2.2 V (MAX.), the actual power-ON clear voltage does not exceed these maximum
values.
Figure 21-5. Operation of Power-ON Reset
VDD
CE
Power-ON clear signal
XOUT
BTM0CY flag
setting pulse
5 V
0 V
H
L
H
L
H
H
L
L
Power-ON
clear voltage
Power-ON clear released
Oscillation starts
Program starts from
address 0
50 ms
Halt status
Device operation stops
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com