Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 332Page - Renesas Technology Corp UPD17708 Datasheet HTML 333Page - Renesas Technology Corp UPD17708 Datasheet HTML 334Page - Renesas Technology Corp UPD17708 Datasheet HTML 335Page - Renesas Technology Corp UPD17708 Datasheet HTML 336Page - Renesas Technology Corp UPD17708 Datasheet HTML 337Page - Renesas Technology Corp UPD17708 Datasheet HTML 338Page - Renesas Technology Corp UPD17708 Datasheet HTML 339Page - Renesas Technology Corp UPD17708 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 358 page
background image
334
µPD17704, 17705, 17707, 17708, 17709
22.3 Instruction List
Instructions
Mnemonic
Operand
Operation
Instruction Code
Op code
Operand
Add
ADD
r,m
(r)
← (r) + (m)
00000
mR
mC
r
m,#n4
(m)
← (m) + n4
10000
mR
mC
n4
ADDC
r,m
(r)
← (r) + (m) + CY
00010
mR
mC
r
m,#n4
(m)
← (m) + n4 + CY
10010
mR
mC
n4
INC
AR
AR
← AR + 1
00111
000
1001
0000
IX
IX
← IX + 1
00111
000
1000
0000
Subtract
SUB
r,m
(r)
← (r) – (m)
00001
mR
mC
r
m,#n4
(m)
← (m) – n4
10001
mR
mC
n4
SUBC
r,m
(r)
← (r) – (m) – CY
00011
mR
mC
r
m,#n4
(m)
← (m) – n4 – CY
10011
mR
mC
n4
Logical
OR
r,m
(r)
← (r) v (m)
00110
mR
mC
r
operation
m,#n4
(m)
← (m) v n4
10110
mR
mC
n4
AND
r,m
(r)
← (r) (m)
00100
mR
mC
r
m,#n4
(m)
← (m) n4
10100
mR
mC
n4
XOR
r,m
(r)
← (r) v (m)
00101
mR
mC
r
m,#n4
(m)
← (m) v n4
10101
mR
mC
n4
Judge
SKT
m,#n
CMP
← 0, if (m) n = n, then skip
11110
mR
mC
n
SKF
m,#n
CMP
← 0, if (m) n = 0, then skip
11111
mR
mC
n
Compare
SKE
m,#n4
(m) – n4, skip if zero
01001
mR
mC
n4
SKNE
m,#n4
(m) – n4, skip if not zero
01011
mR
mC
n4
SKGE
m,#n4
(m) – n4, skip if not borrow
11001
mR
mC
n4
SKLT
m,#n4
(m) – n4, skip if borrow
11011
mR
mC
n4
Rotate
RORC
r
CY
← (r) b3 ← (r) b2 ← (r) b1 ← (r) b0
00111
000
0111
r
Transfer
LD
r,m
(r)
← (m)
01000
mR
mC
r
ST
m,r
(m)
← (r)
11000
mR
mC
r
MOV
@r,m
if MPE = 1 : (MP, (r))
← (m)
01010
mR
mC
r
if MPE = 0 : (BANK, mR, (r))
← (m)
m, @r
if MPE = 1 : (m)
← (MP, (r))
11010
mR
mC
r
if MPE = 0 : (m)
← (BANK, mR, (r))
m,#n4
(m)
← n4
11101
mR
mC
n4
MOVT
DBF,@AR
SP
← SP – 1, ASR ← PC, PC ← AR,
00111
000
0001
0000
DBF
← (PC), PC ← ASR, SP ← SP + 1
PUSH
AR
SP
← SP – 1, ASR ← AR
00111
000
1101
0000
POP
AR
AR
← ASR, SP ← SP + 1
00111
000
1100
0000
GET
DBF,p
DBF
← (p)
00111
pH
1011
pL
PUT
p,DBF
(p)
← DBF
00111
pH
1010
pL
PEEK
WR,rf
WR
← (rf)
00111
rfR
0011
rfC
POKE
rf,WR
(rf)
← WR
00111
rfR
0010
rfC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com