Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 328Page - Renesas Technology Corp UPD17708 Datasheet HTML 329Page - Renesas Technology Corp UPD17708 Datasheet HTML 330Page - Renesas Technology Corp UPD17708 Datasheet HTML 331Page - Renesas Technology Corp UPD17708 Datasheet HTML 332Page - Renesas Technology Corp UPD17708 Datasheet HTML 333Page - Renesas Technology Corp UPD17708 Datasheet HTML 334Page - Renesas Technology Corp UPD17708 Datasheet HTML 335Page - Renesas Technology Corp UPD17708 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 358 page
background image
330
µPD17704, 17705, 17707, 17708, 17709
21.7.3 Power failure detection by RAM judgment method
By the RAM judgment method, a power failure is detected by judging whether the contents of the data memory
at a specific address are a specific value when the device has been reset.
An example of a program that detects a power failure by RAM judgment method is shown below.
By the RAM judgment method, a power failure is detected by comparing an “undefined” value and a “specific” value
because the contents of the data memory are “undefined” on application of supply voltage VDD.
Therefore, a power failure may be judged by mistake by this method as described in 21.7.4 Cautions on power
failure detection by RAM judgment method.
Example Program example of power failure detection by RAM judgment method
M012
MEM
0.12H
M034
MEM
0.34H
M056
MEM
0.56H
M107
MEM
1.07H
M128
MEM
1.28H
M16F
MEM
1.6FH
DATA0
DAT
1010B
DATA1
DAT
0101B
DATA2
DAT
0110B
DATA3
DAT
1001B
DATA4
DAT
1100B
DATA5
DAT
0011B
START:
SET2
CMP, Z
SUB
M012, #DATA0
; If M012 = DATA0, and
SUB
M034, #DATA1
; M034 = DATA1, and
SUB
M056, #DATA2
; M056 = DATA2, and
BANK1
SUB
M107, #DATA3
; M107 = DATA3, and
SUB
M128, #DATA4
; M128 = DATA4, and
SUB
M16F, #DATA5
; M16F = DATA5,
BANK0
SKF1
Z
BR
BACKUP
; branches to BACKUP
; INITIAL:
Initial processing
MOV
M012, #DATA0
MOV
M034, #DATA1
MOV
M056, #DATA2
BANK1
MOV
M107, #DATA3
MOV
M128, #DATA4
MOV
M16F, #DATA5
BR
MAIN
BACKUP:
Backup processing
MAIN:
Main processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com