Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 327Page - Renesas Technology Corp UPD17708 Datasheet HTML 328Page - Renesas Technology Corp UPD17708 Datasheet HTML 329Page - Renesas Technology Corp UPD17708 Datasheet HTML 330Page - Renesas Technology Corp UPD17708 Datasheet HTML 331Page - Renesas Technology Corp UPD17708 Datasheet HTML 332Page - Renesas Technology Corp UPD17708 Datasheet HTML 333Page - Renesas Technology Corp UPD17708 Datasheet HTML 334Page - Renesas Technology Corp UPD17708 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 358 page
background image
329
µPD17704, 17705, 17707, 17708, 17709
Example
START:
; Program address 0000H
; <1>
Processing at reset
; <2>
SKT1
BTM0CY
; Power failure detection
BR
INITIAL
BACKUP:
; <3>
Watch updating
BR
MAIN
INITIAL:
; <4>
Initial processing
; <5>
INITFLG BTM0CK1, BTM0CK0
; Embedded macro
; Sets basic timer 0 carry FF
; Sets time to 10 ms
MAIN:
Main processing
SKT1
BTM0CY
BR
MAIN
Watch updating
BR
MAIN
Operation example (if CE reset timer counter is set to “1”)
VDD
CE
10-ms pluse
50-ms pluse
BTM0CY flag
setting pulse
5 V
0 V
H
L
H
L
50 ms
10 ms
50 ms
<1>
<4>
<1>
<3>
<2>
<2>
Power failure detection
If processing time of <1> + <4> is longer
than 100 ms, CE reset is executed
in the middle of processing <4>.
<5>
CE reset
Power failure detection
If processing time of <1> + <3> is
too long, CE reset is executed.
CE reset
CE reset may be executed immediately depending on when
the basic timer 0 carry FF setting time is changed.
Therefore, if <5> is executed before <4>, power failure
processing <4> may not be executed to the end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com