Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 326Page - Renesas Technology Corp UPD17708 Datasheet HTML 327Page - Renesas Technology Corp UPD17708 Datasheet HTML 328Page - Renesas Technology Corp UPD17708 Datasheet HTML 329Page - Renesas Technology Corp UPD17708 Datasheet HTML 330Page - Renesas Technology Corp UPD17708 Datasheet HTML 331Page - Renesas Technology Corp UPD17708 Datasheet HTML 332Page - Renesas Technology Corp UPD17708 Datasheet HTML 333Page - Renesas Technology Corp UPD17708 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 358 page
background image
328
µPD17704, 17705, 17707, 17708, 17709
21.7.2 Cautions on detecting power failure by BTM0CY flag
The following points must be noted when counting the watch timer by using the BTM0CY flag.
(1) Updating watch
When creating a watch program using the timer carry, the watch must be updated after a power failure has
been detected.
This is because the BTM0CY flag is reset to 0 because it is read after a power failure has been detected. As
a result, counting of the watch is overlooked once.
(2) Watch updating processing time
Updating the watch must be completed before the next basic timer 0 carry FF setting pulse rises.
This is because CE reset is executed before the watch updating processing has been completed if the CE pin
goes high during watch updating processing.
For the details of (1) and (2), refer to (3) Compensating basic timer 0 carry at CE reset in 13.2.6.
The following points must be noted when performing processing in case of a power failure.
(3) Timing to detect power failure
When counting the watch by using the BTM0CY flag, the BTM0CY flag must be read to detect a power failure
before the next basic timer 0 carry FF setting pulse rises after the program has been started from address
0000H.
This is because, if the basic timer 0 carry FF setting time is set to, say, 10 ms, and if the power failure is detected
11 ms after the program has been started, the BTM0CY flag is overlooked once.
For further information, refer to (3) Compensating basic timer 0 carry at CE reset in 13.2.6.
Power failure detection and initial processing must be performed within the time in which the basic timer 0 carry
FF is set, as shown in the example below.
This is because, if the CE pin rises and CE reset is executed during power failure processing or initial processing,
the processing is stopped in midway, causing a problem.
To update the basic timer 0 carry FF setting time in the initial processing, the instruction that changes the setting
time must be executed at the end of the initial processing.
This is because, if the basic timer 0 carry FF setting time is changed before the initial processing, the initial
processing may not be executed to the end because CE reset may be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com