Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 344Page - Renesas Technology Corp UPD17708 Datasheet HTML 345Page - Renesas Technology Corp UPD17708 Datasheet HTML 346Page - Renesas Technology Corp UPD17708 Datasheet HTML 347Page - Renesas Technology Corp UPD17708 Datasheet HTML 348Page - Renesas Technology Corp UPD17708 Datasheet HTML 349Page - Renesas Technology Corp UPD17708 Datasheet HTML 350Page - Renesas Technology Corp UPD17708 Datasheet HTML 351Page - Renesas Technology Corp UPD17708 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 358 page
background image
346
µPD17704, 17705, 17707, 17708, 17709
24. ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VDD
–0.3 ~ +6.0
V
Input voltage
VI
Other than CE, INT0 through INT4, and RESET pins
–0.3 ~ VDD+0.3
V
CE, INT0 through INT4, and RESET pins
–0.3 ~ VDD+0.6
V
Output voltage
VO
Except P1B0 through P1B3
–0.3 ~ VDD+0.3
mA
High-level output current
IOH
1 pin
–8.0
mA
Total of P2A0 through P2A2, P3A0 through P3A3,
–15.0
mA
and P3B0 through P3B3
Total of P0A0 through P0A3, P0B0 through P0B3,
–25.0
mA
P0C0 through P0C3, P1D0 through P1D3, P2B0
through P2B3, P2C0 through P2C3, P2D0 through
P2D2, P3C0 through P3C3, and P3D0 through P3D3
Low-level output current
IOL
1 pin of P1B0 through P1B3
12.0
mA
1 pin of P1B0 through P1B3
8.0
mA
Total of P2A0 through P2A2, P3A0 through P3A3,
15.0
mA
and P3B0 through P3B3
Total of P0A0 through P0A3, P0B0 through P0B3,
25.0
mA
P0C0 through P0C3, P1D0 through P1D3, P2B0
through P2B3, P2C0 through P2C3, P2D0 through
P2D2, P3C0 through P3C3, and P3D0 through P3D3
Total of P1B0 through P1B3 pins
25.0
mA
Output voltage
VBDS
P1B0-P1B3
14.0
V
Total power dissipation
Pt
200
mW
Operating ambient
TA
–40 ~ +85
°C
temperature
Storage temperature
Tstg
–55 ~ +125
°C
Caution If the rated value of even one of the above parameters is exceeded even momentarily, the quality
of the product may be degraded. The absolute maximum ratings define the rated values exceeding
which the product may be physically damaged. Never exceed these ratings.
Recommended Operating Range (TA = –40 to +85
°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD1
When CPU and PLL are operating
4.5
5.0
5.5
V
VDD2
When CPU and PLL are stopped
3.5
5.0
5.5
V
Recommended Output Voltage (TA = –40 to +85
°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output voltage
VBDS
P1B0-P1B3
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com