Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 348Page - Renesas Technology Corp UPD17708 Datasheet HTML 349Page - Renesas Technology Corp UPD17708 Datasheet HTML 350Page - Renesas Technology Corp UPD17708 Datasheet HTML 351Page - Renesas Technology Corp UPD17708 Datasheet HTML 352Page - Renesas Technology Corp UPD17708 Datasheet HTML 353Page - Renesas Technology Corp UPD17708 Datasheet HTML 354Page - Renesas Technology Corp UPD17708 Datasheet HTML 355Page - Renesas Technology Corp UPD17708 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 358 page
background image
350
µPD17704, 17705, 17707, 17708, 17709
26. RECOMMENDED SOLDERING CONDITIONS
Solder the
µPD17709 under the following recommended conditions.
For the details of the recommended soldering conditions, refer to “Semiconductor Device Mounting Technology
Manual” (C10535E).
For the soldering method and conditions other than those recommended, consult NEC.
Table 26-1. Soldering Conditions of Surface Mount Type
µPD17704GC-xxx-3B9: 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
µPD17705GC-xxx-3B9: 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
µPD17707GC-xxx-3B9: 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
µPD17708GC-xxx-3B9: 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
µPD17709GC-xxx-3B9: 80-pin plastic QFP (14 × 14 mm, 0.65 mm pitch)
Symbol of
Soldering Method
Soldering Condition
Recommended
Condition
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds MAX. (210 °C MIN.)
IR35-00-2
Number of times: 2 MAX.
VPS
Package peak temperature: 215
°C, Time: 40 seconds MAX. (200 °C MIN.)
VP15-00-2
Number of times: 2 MAX.
Wave soldering
Soldering bath temperature: 260
°C MAX., Time: 10 seconds MAX., Number of times: 1, WS60-00-1
Preheating temperature: 120
°C MAX. (package surface temperature)
Partial heating
Pin temperature: 300
°C MAX., Time: 3 seconds MAX. (per side of device)
—
Caution Do not use two or more soldering methods in combination (except partial heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com