Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 132Page - Renesas Technology Corp UPD17708 Datasheet HTML 133Page - Renesas Technology Corp UPD17708 Datasheet HTML 134Page - Renesas Technology Corp UPD17708 Datasheet HTML 135Page - Renesas Technology Corp UPD17708 Datasheet HTML 136Page - Renesas Technology Corp UPD17708 Datasheet HTML 137Page - Renesas Technology Corp UPD17708 Datasheet HTML 138Page - Renesas Technology Corp UPD17708 Datasheet HTML 139Page - Renesas Technology Corp UPD17708 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
134
12.3.2 Interrupt stack pointer of system register
The interrupt stack pointer of the system register detects the nesting level of interrupts. The interrupt stack
pointer can be only read and cannot be written.
The configuration and function of the interrupt stack pointer are illustrated below.
Name
Flag symbol
b3
0
b2
S
Y
S
R
S
P
2
b1
S
Y
S
R
S
P
1
b0
S
Y
S
R
S
P
0
Address
08H
Read/Write
R
Interrupt stack pointer of
system registers
01
1
1
0
0
0
1
1
1
Use prohibited
4 levels (INTSK1)
3 levels (INTSK2)
2 levels (INTSK3)
1 level (INTSK4)
0 level
Detects level of interrupt stack of system registers
Fixed to “0”
0
1
0
1
0
1
0
0
1
1
0
0
0
0
0
0
1
1
Power-ON reset
WDT&SP reset
CE reset
Retained
Clock stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com