Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 135Page - Renesas Technology Corp UPD17708 Datasheet HTML 136Page - Renesas Technology Corp UPD17708 Datasheet HTML 137Page - Renesas Technology Corp UPD17708 Datasheet HTML 138Page - Renesas Technology Corp UPD17708 Datasheet HTML 139Page - Renesas Technology Corp UPD17708 Datasheet HTML 140Page - Renesas Technology Corp UPD17708 Datasheet HTML 141Page - Renesas Technology Corp UPD17708 Datasheet HTML 142Page - Renesas Technology Corp UPD17708 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 358 page
background image
137
µPD17704, 17705, 17707, 17708, 17709
12.4 Stack Pointer, Address Stack Registers, and Program Counter
The address stack registers save a return address when execution returns from an interrupt routine.
The stack pointer specifies the address of an address stack register.
When an interrupt is accepted, the value of the stack pointer is decremented by one, and the value of the
program counter at that time is saved to an address stack register specified by the stack pointer.
Next, the interrupt routine is executed. When the interrupt return (RETI) instruction is executed after that,
the contents of an address stack register specified by the stack pointer are restored to the program counter,
and the value of the stack pointer is incremented by one.
For further information, also refer to 3. ADDRESS STACK (ASK).
12.5 Interrupt Enable Flip-Flop (INTE)
The interrupt enable flip-flop enables or disables the 12 types of maskable interrupts.
When this flip-flop is set, all the interrupts are enabled. When it is reset, all the interrupts are disabled.
This flip-flop is set or reset by dedicated instructions EI (to set) and DI (to reset).
The EI instruction sets this flip-flop when the instruction next to EI is executed, and the DI instruction resets
the flip-flop while it is being executed.
When an interrupt is accepted, this flip-flop is automatically reset.
This flip-flop is also reset at power-ON reset, at a reset by the RESET pin, at a watchdog timer, overflow or
underflow of the stack, and at CE reset. The flip-flop retains the previous status on execution of the clock stop
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com