Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 137Page - Renesas Technology Corp UPD17708 Datasheet HTML 138Page - Renesas Technology Corp UPD17708 Datasheet HTML 139Page - Renesas Technology Corp UPD17708 Datasheet HTML 140Page - Renesas Technology Corp UPD17708 Datasheet HTML 141Page - Renesas Technology Corp UPD17708 Datasheet HTML 142Page - Renesas Technology Corp UPD17708 Datasheet HTML 143Page - Renesas Technology Corp UPD17708 Datasheet HTML 144Page - Renesas Technology Corp UPD17708 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 358 page
background image
139
µPD17704, 17705, 17707, 17708, 17709
12.6.2 Timing chart when interrupt is accepted
The timing charts in Figure 12-19 illustrate the operations performed when an interrupt or interrupts are
accepted.
Figure 12-19 (1) is the timing chart when one interrupt is accepted.
(a) in (1) is the timing chart where the interrupt request flag is set to “1” after all the others, and (b) is the
timing chart where the interrupt enable flag is set to “1” after all the others.
In either case, the interrupt is accepted when the interrupt request flag, interrupt enable-flip flop, and interrupt
enable flag all have been set to “1”.
If the flag or flip-flop that has been set last is set in the first instruction cycle of the “MOVT DBF, @AR”
instruction or by an instruction that satisfies a given skip condition, the interrupt is accepted in the second
instruction cycle of the “MOVT DBF, @AR” instruction or after the instruction that is skipped (this instruction
is treated as NOP) has been executed.
The interrupt enable flip-flop is set in the instruction cycle next to that in which the EI instruction is executed.
Therefore, the interrupt is accepted after the instruction next to the EI instruction has been executed even
when the interrupt request flag is set in the execution cycle of the EI instruction.
(2) in Figure 12-19 is the timing chart where two or more interrupts are used.
When two or more interrupts are used, the interrupts are accepted according to the hardware priority if all
the interrupt enable flags are set. However, the hardware priority can be changed by setting the interrupt enable
flags by the program.
“Instruction cycle” shown in Figure 12-19 is a special cycle in which the interrupt request flag is reset, a vector
address is specified, and the contents of the program counter are saved after an interrupt has been accepted.
It takes 1.78
µs, which is equivalent to one instruction execution time, to be completed.
For details, refer to 12.7 Operation after Interrupt Has Been Accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com