Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 141Page - Renesas Technology Corp UPD17708 Datasheet HTML 142Page - Renesas Technology Corp UPD17708 Datasheet HTML 143Page - Renesas Technology Corp UPD17708 Datasheet HTML 144Page - Renesas Technology Corp UPD17708 Datasheet HTML 145Page - Renesas Technology Corp UPD17708 Datasheet HTML 146Page - Renesas Technology Corp UPD17708 Datasheet HTML 147Page - Renesas Technology Corp UPD17708 Datasheet HTML 148Page - Renesas Technology Corp UPD17708 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 358 page
background image
143
µPD17704, 17705, 17707, 17708, 17709
12.7 Operations after Interrupt Has Been Accepted
When an interrupt is accepted, the following operations are sequentially performed automatically.
(1) The interrupt enable flip-flop and the interrupt request flag corresponding to the accepted interrupt
request are reset to “0”. As a result, the other interrupts are disabled.
(2) The contents of the stack pointer are decremented by one.
(3) The contents of the program counter are saved to an address stack register specified by the stack pointer.
At this time, the contents of the program counter are the program memory address after the address at
which the interrupt has been accepted.
For example, if a branch instruction is executed when the interrupt has been accepted, the contents of
the program counter are the branch destination address. If a subroutine call instruction is executed, the
contents of the program counter are the call destination address. If the skip condition of a skip instruction
is satisfied, the next instruction is executed as NOP and then the interrupt is accepted. Consequently,
the contents of the program counter are the address after that of the instruction that is skipped.
(4) The contents of the system registers (except the address register) are saved to the interrupt stack.
(5) The contents of the vector address generator corresponding to the interrupt that has been accepted are
transferred to the program counter. In other words, execution branches to the interrupt routine.
The operations (1) through (5) above require the time of one special instruction cycle (1.78
µs) in which normal
instruction execution is not performed.
This instruction cycle is called an “interrupt cycle”.
In other words, the time of one instruction cycle (1.78
µs) is required after an interrupt has been accepted
until execution branches to the corresponding vector address.
12.8 Returning from Interrupt Routine
The interrupt return (RETI) instruction is used to return from an interrupt routine to the processing during
which an interrupt was accepted.
When the RETI instruction is executed, the following operations are sequentially performed automatically.
(1) The contents of an address stack register specified by the stack pointer are restored to the program
counter.
(2) The contents of the interrupt stack are restored to the system registers.
(3) The contents of the stack pointer are incremented by one.
The operations (1) through (3) above require one instruction cycle (1.78
µs) in which the RETI instruction
is executed.
The only difference between the RETI instruction and the RET and RETSK instructions, which are subroutine
return instructions, is the restoration of the bank register and index register in step (2) above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com