Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 143Page - Renesas Technology Corp UPD17708 Datasheet HTML 144Page - Renesas Technology Corp UPD17708 Datasheet HTML 145Page - Renesas Technology Corp UPD17708 Datasheet HTML 146Page - Renesas Technology Corp UPD17708 Datasheet HTML 147Page - Renesas Technology Corp UPD17708 Datasheet HTML 148Page - Renesas Technology Corp UPD17708 Datasheet HTML 149Page - Renesas Technology Corp UPD17708 Datasheet HTML 150Page - Renesas Technology Corp UPD17708 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 358 page
background image
145
µPD17704, 17705, 17707, 17708, 17709
12.9.2 Edge detection block
The edge detection block specifies the valid edge (rising or falling edge) of an input signal that issues the
interrupt request of INT0 to INT4 pins, by using an interrupt edge selection register.
Figure 12-21 shows the configuration and function of the interrupt edge selection register.
Figure 12-21. Configuration of Interrupt Edge Selection Register (1/2)
Caution
The external input delays about 100 ns.
Name
Flag symbol
b3
I
E
G
4
b2
I
N
T
4
S
E
L
b1
I
E
G
3
b0
I
N
T
3
S
E
L
Address
1EH
Read/Write
R/W
Interrupt edge selection 1
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
0
0
0
0
0
0
0
0
1
Interrupt pin (edge detection cricuit operates)
General-purpose port pin (edge detection cricuit stops)
Selects function of P1A2/INT3 pin
Rising edge
Falling edge
Selects input edge to issue interrupt request (INT3 pin)
Interrupt pin (edge detection cricuit operates)
General-purpose port pin (edge detection cricuit stops)
Selects function of P1A3/INT4 pin
Rising edge
Falling edge
Selects input edge to issue interrupt request (INT4 pin)
0
1
0
1
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com