Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 189Page - Renesas Technology Corp UPD17708 Datasheet HTML 190Page - Renesas Technology Corp UPD17708 Datasheet HTML 191Page - Renesas Technology Corp UPD17708 Datasheet HTML 192Page - Renesas Technology Corp UPD17708 Datasheet HTML 193Page - Renesas Technology Corp UPD17708 Datasheet HTML 194Page - Renesas Technology Corp UPD17708 Datasheet HTML 195Page - Renesas Technology Corp UPD17708 Datasheet HTML 196Page - Renesas Technology Corp UPD17708 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 358 page
background image
191
µPD17704, 17705, 17707, 17708, 17709
13.6.6 Error of timer 3
Timer 3 has an error of up to 1 basic clock in the following cases.
(1) On starting/stopping counter
The counter is started or stopped by setting the TM3EN flag.
Therefore, an error of 0 to +1 clocks occurs when the TM3EN flag is set, and an error of –1 to 0 clocks
occurs when the flag is reset.
In all, an error of
±1 count occurs.
(2) On resetting counter operation
An error of 0 to +1 clocks occurs when the counter is reset.
(3) On selecting basic clock during counter operation
An error of 0 to +1 clocks of the newly selected clock occurs.
13.6.7 Cautions on using timer 3
Timer 3 interrupt may occur simultaneously with the other timer interrupts and CE reset. If it is necessary
to update the timer at CE reset, do not use timer 3, use basic timer 0 instead.
When timer 3 is used, the three output port pins multiplexed with the D/A converter pins, P1B2/PWM2 through
P1B0/PWM0, are automatically set in the general-purpose output port mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com