Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 191Page - Renesas Technology Corp UPD17708 Datasheet HTML 192Page - Renesas Technology Corp UPD17708 Datasheet HTML 193Page - Renesas Technology Corp UPD17708 Datasheet HTML 194Page - Renesas Technology Corp UPD17708 Datasheet HTML 195Page - Renesas Technology Corp UPD17708 Datasheet HTML 196Page - Renesas Technology Corp UPD17708 Datasheet HTML 197Page - Renesas Technology Corp UPD17708 Datasheet HTML 198Page - Renesas Technology Corp UPD17708 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 358 page
background image
193
µPD17704, 17705, 17707, 17708, 17709
14. A/D CONVERTER
14.1 Outline of A/D Converter
Figure 14-1 outlines the A/D converter.
The A/D converter converts an analog voltage input to the AD5 to AD0 pins into an 8-bit digital signal.
Two modes can be selected by using the ADCMD flag: software mode and hardware mode.
In the software mode, a voltage input to a pin is compared with an internal reference voltage, and the result
of the comparison is detected by the ADCCMP flag. By judging this result in software and by sequentially
selecting reference voltages, the A/D converter can be used as a successive approximation A/D converter.
In the hardware mode, reference voltages are automatically selected, and the input voltage is directly
detected as 8-bit digital data.
Figure 14-1. Outline of A/D Converter
Remarks 1. ADCCH2 through ADCCH0 (bits 2 through 0 of A/D converter channel selection register: refer
to Figure 14-3) select pins used for the A/D converter.
2. ADCCMP (bit 0 of A/D converter mode selection register: refer to Figure 14-5) detects the
result of comparison.
3. ADCSTT (bit 1 of A/D converter mode selection register: refer to Figure 14-5) detects the
operating status.
4. ADCMD (bit 2 of A/D converter mode selection register: refer to Figure 14-5) selects software
or hardware mode.
P1C3/AD5
P1C2/AD4
P0D3/AD3
P0D2/AD2
P0D1/AD1
P0D0/AD0
ADCCH2 flag
ADCCH1 flag
ADCCH0 flag
Input selection
block
Compare voltage
generation block
R-string
D/A converter
DBF
ADCMD flag
ADCCMP flag
ADCSTT flag
Start/stop control
block
Compare block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com