Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 195Page - Renesas Technology Corp UPD17708 Datasheet HTML 196Page - Renesas Technology Corp UPD17708 Datasheet HTML 197Page - Renesas Technology Corp UPD17708 Datasheet HTML 198Page - Renesas Technology Corp UPD17708 Datasheet HTML 199Page - Renesas Technology Corp UPD17708 Datasheet HTML 200Page - Renesas Technology Corp UPD17708 Datasheet HTML 201Page - Renesas Technology Corp UPD17708 Datasheet HTML 202Page - Renesas Technology Corp UPD17708 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 358 page
background image
197
µPD17704, 17705, 17707, 17708, 17709
Figure 14-5. Configuration of A/D Converter Mode Selection Register
Notes 1. A/D conversion under execution is stopped if “0” is written to this bit.
2. A/D operation is started in the hardware mode when “1” is written to this bit. In the software mode,
operation is started as soon as data has been written (by the PUT instruction) to the A/D converter
reference voltage setting register (ADCR).
Name
Flag symbol
b3
0
b2
A
D
C
M
D
b1
A
D
C
S
T
T
b0
A
D
C
C
M
P
Address
25H
Read/Write
R/W
A/D converter mode selection
Power-ON reser
WDT&SP reser
CE reser
Clock stop
R:Retained
0
1
0
0
0
R
VADCIN < VADCREF
VADCIN > VADCREF
Detects result of comparison by A/D converter
00
0
R
R
End of conversion
Conversion in progress
Software modeNote 1
Hardware modeNote 2
Detects operating status of A/D converter in hardware mode
0
1
0
0
0
0
Selects compare mode of A/D converter and starts or stops A/D converter
0
1
Fixed to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com