Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 194Page - Renesas Technology Corp UPD17708 Datasheet HTML 195Page - Renesas Technology Corp UPD17708 Datasheet HTML 196Page - Renesas Technology Corp UPD17708 Datasheet HTML 197Page - Renesas Technology Corp UPD17708 Datasheet HTML 198Page - Renesas Technology Corp UPD17708 Datasheet HTML 199Page - Renesas Technology Corp UPD17708 Datasheet HTML 200Page - Renesas Technology Corp UPD17708 Datasheet HTML 201Page - Renesas Technology Corp UPD17708 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
196
14.3 Compare Voltage Generation and Compare Blocks
Figure 14-4 shows the configuration of the compare voltage generation block and compare block.
The compare voltage generation block switches a tap decoder according to the 8-bit data set to the A/D
converter reference voltage setting register and generates 256 different of compare voltages V ADCREF.
In other words, this block is an R-string D/A converter.
The supply voltage to this R-string D/A converter is the same as the supply voltage VDD of the device.
The compare block compares voltage VADCIN input from a pin with compare voltage VADCREF.
Comparison can be made in two modes, software mode and hardware mode, which can be selected by the
ADCMD flag.
In the software mode, a compare voltage is set to the A/D converter reference voltage setting register by
software, and one set compare voltage is compared with the input voltage, and the result of the comparison is
detected by the ADCCMP flag.
In the hardware mode, once comparison has been started, the hardware automatically changes the value of
the A/D converter reference voltage setting register. On completion of the comparison, the value of the A/D
converter reference voltage setting register is read and is loaded as an 8-bit data.
Figures 14-5 and 14-6 show the configuration of each flag and A/D converter reference voltage setting
register.
Figure 14-4. Configuration of Compare Voltage Generation and Compare Blocks
DBF
Tap decoder
0
1
2
254
255
VDD
A/D converter reference
voltage setting register (ADCR)
1
2
RR
R
3
2
R
Soft/hard,
start/stop
control block
ADCMD flag
ADCSTT flag
ADCCMP
flag
Comparator
−
+
2 pF
1/2 VDD
VADCIN
VADCREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com