Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 226Page - Renesas Technology Corp UPD17708 Datasheet HTML 227Page - Renesas Technology Corp UPD17708 Datasheet HTML 228Page - Renesas Technology Corp UPD17708 Datasheet HTML 229Page - Renesas Technology Corp UPD17708 Datasheet HTML 230Page - Renesas Technology Corp UPD17708 Datasheet HTML 231Page - Renesas Technology Corp UPD17708 Datasheet HTML 232Page - Renesas Technology Corp UPD17708 Datasheet HTML 233Page - Renesas Technology Corp UPD17708 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 358 page
background image
228
µPD17704, 17705, 17707, 17708, 17709
16.2.7 Interrupt control block
The interrupt control block sets a condition under which an interrupt request is issued by the serial I/O0 interrupt
mode selection register.
When the interrupt request issuance condition is satisfied, the IRQSIO0 flag is set.
Change the interrupt request issuance condition while communication is in the wait status. If it is changed after
communication has been released from the wait status, an interrupt request may be issued as soon as the condition
has been changed.
Figure 16-9 shows the configuration of the serial I/O0 interrupt mode selection register.
Figure 16-9. Configuration of Serial I/O0 Interrupt Mode Selection Register
Notes 1. An interrupt request is issued if this mode is set when the value of the clock counter is “7”.
2. An interrupt request is issued if this mode is set when the value of the clock counter is “8”.
3. An interrupt request is issued if this mode is set when the SBSTT flag = 1 and the value of the clock
counter is “7”.
4. An interrupt request is issued if this mode is set after the stop condition has been issued.
Name
Flag symbol
b3
0
b2
0
b1
S
I
O
0
I
M
D
1
b0
S
I
O
0
I
M
D
0
Address
0CH
Read/Write
R/W
Serial I/O0 interrupt mode
selection
Power-ON reset
WDT & SP reset
CE reset
Clock stop
00
0
0
0
0
0
0
0
0
Rising edge of shift clock when value
of clock counter reaches “7”
Rising edge of shift clock when value
of clock counter reaches “8”
Rising edge of shift clock when value
of clock counter reaches “7” after
detection of start condition Note 3
When stop condition is detected Note 4
Rising edge of shift clock when value
of clock counter reaches “7” Note 1
Rising edge of shift clock when value
of clock counter reaches “8” Note 2
Interrupt request is not issued
Sets interrupt request issuance condition
Fixed to “0”
0
0
1
1
0
1
0
1
I2C bus mode
Serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com