Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 228Page - Renesas Technology Corp UPD17708 Datasheet HTML 229Page - Renesas Technology Corp UPD17708 Datasheet HTML 230Page - Renesas Technology Corp UPD17708 Datasheet HTML 231Page - Renesas Technology Corp UPD17708 Datasheet HTML 232Page - Renesas Technology Corp UPD17708 Datasheet HTML 233Page - Renesas Technology Corp UPD17708 Datasheet HTML 234Page - Renesas Technology Corp UPD17708 Datasheet HTML 235Page - Renesas Technology Corp UPD17708 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 358 page
background image
230
µPD17704, 17705, 17707, 17708, 17709
(3) Operation of clock counter
The value of the clock counter is incremented from the initial value “0” each time the rising of the clock pin
has been detected.
In the I2C bus mode, the value of the clock counter returns to “0” after it has reached “9”, and the clock counter
continues counting.
In the serial I/O mode, the value of the clock counter returns to “0” after it has reached “8”, and the clock counter
continues counting.
The clock counter is also reset in the following cases.
•
At reset (power-ON reset, WDT&SP reset, CE reset)
•
On execution of clock stop instruction
•
On detection of start condition
•
If communication mode is changed from I2C bus mode to 2-wire or 3-wire serial I/O mode
(4) Wait operation and cautions
When the wait status is released, serial data is output (during transmission operation), and the wait status is
kept released until a condition (wait condition) set by the SIO0WRQ0 and 1 flags is satisfied.
When the wait condition is satisfied, the shift clock pin is made low, and the operations of the clock counter
and presettable shift register 0 are stopped.
If the forced wait status is specified while the wait status is released, the forced wait status is set at the falling
of the clock next to the one at which “0” has been written to the SIO0NWT flag.
Nothing is changed even if the wait status is released again after the wait status has been released once.
If the forced wait status is set in the wait status, one pulse of the shift clock is output.
In the I2C bus mode, do not set data wait conditions (SIOWRQ0 = 1, WIO0WRQ1 = 0) successively. This is
because, if the data wait condition is set two times in succession and the wait status is released, the wait status
is set as soon as the wait status has been released the second time.
While the device is operating as the master and if the level of the shift clock output pin is forcibly made low
externally while the pin outputs a high level (this is called a wait request by slave), the master is placed in the
wait status.
If this happens, the master resumes its operation when the wait request by the slave has been cleared.
(5) Interrupt request issuance timing
Interrupt request issuance timing can be selected by the SIO0IMD0 and 1 flags.
(6) Acknowledge block and its operation
The acknowledge block operates only in the I2C bus mode.
This block is used to output an acknowledge signal during a reception operation, or to detect an acknowledge
signal during a transmission operation.
During reception, the content of the SBACK flag is output to the serial data pin at the falling edge of the shift
clock when the value of the clock counter is “8”.
Once data has been set to the SBACK flag during reception, the value of the data is retained.
During transmission, the status of the serial data pin is read to the SBACK flag at the rising edge of the shift
clock when the value of the clock counter reaches “9”
Figure 16-11 shows the acknowledge signal output and input operations.
During reception, set the acknowledge signal (setting of the SBACK flag) as soon as the wait status has been
released (by setting the SIO0NWT flag).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com