Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 231Page - Renesas Technology Corp UPD17708 Datasheet HTML 232Page - Renesas Technology Corp UPD17708 Datasheet HTML 233Page - Renesas Technology Corp UPD17708 Datasheet HTML 234Page - Renesas Technology Corp UPD17708 Datasheet HTML 235Page - Renesas Technology Corp UPD17708 Datasheet HTML 236Page - Renesas Technology Corp UPD17708 Datasheet HTML 237Page - Renesas Technology Corp UPD17708 Datasheet HTML 238Page - Renesas Technology Corp UPD17708 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 358 page
background image
233
µPD17704, 17705, 17707, 17708, 17709
<3> If forced wait status is set after wait status has been released
In this case, the wait status is set at the next falling edge of the clock after the one at which the forced
wait status was set.
When the forced wait status was set, however, the clock counter and presettable shift register 0 stop
operating.
If the forced wait status is set while the clock pin is low, the clock counter and presettable shift register
0 operate by 1 pulse. Because the internal clock counter and shift register do not operate at this
time, communication may not be performed normally even if the wait status is released again.
Figure 16-12. Shift Clock Generation Timing in I2C Bus Mode (3/5)
1/fSC
Wait period
Wait pending
Wait released status
Shift clock
Shift clock
Wait period
1/fSC
Wait pending
Wait released
Forced wait set by
SIO0NWT
Forced wait set by
SIO0NWT
Wait released
<4> If wait status is released after wait status has been released
Nothing is affected.
<5> If wait request is made by slave after wait status has been released
At this time, the clock is output 0 to 3.3
µs after the wait request by the slave has been cleared.
The value of T in the figure below is as follows:
fSC
T
93.75 kHz
666 ns
375.00 kHz
222 ns
281.25 kHz
222 ns
46.875 kHz
666 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com