Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 234Page - Renesas Technology Corp UPD17708 Datasheet HTML 235Page - Renesas Technology Corp UPD17708 Datasheet HTML 236Page - Renesas Technology Corp UPD17708 Datasheet HTML 237Page - Renesas Technology Corp UPD17708 Datasheet HTML 238Page - Renesas Technology Corp UPD17708 Datasheet HTML 239Page - Renesas Technology Corp UPD17708 Datasheet HTML 240Page - Renesas Technology Corp UPD17708 Datasheet HTML 241Page - Renesas Technology Corp UPD17708 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 358 page
background image
236
µPD17704, 17705, 17707, 17708, 17709
16.2.9 Serial I/O mode
(1) Outline of serial I/O mode
In the serial I/O mode, communication is carried out by using two pins, SCL and SDA, or three pins, SCK0,
SO0, and SI0.
(2) Timing chart
Figure 16-14 shows the timing chart in the serial I/O mode.
Figure 16-14. Timing Chart in Serial I/O Mode
Clock counter
0
1
2
6
7
8
0
1
Serial data
La
D7
D6
D5
D1
D0
D7
Shift clock
SIO0NWT
SIO0WSTT
SIO0SF8
SIO0SF9
“0”
SBSTT
“0”
SBBSY
“0”
<1>
<2> <3>
<4>
1
1
23
7
8
<5>
INT<6>
<7>
<1> Initial status (general-purpose input port)
<2> Sets transmission status of master
<3> Releases wait status
<4> Wait timing when data wait status is set
<5> Releases wait status again
<6> Issues interrupt request when value of clock counter is 7
<7> Issues interrupt request when value of clock counter is 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com