Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 238Page - Renesas Technology Corp UPD17708 Datasheet HTML 239Page - Renesas Technology Corp UPD17708 Datasheet HTML 240Page - Renesas Technology Corp UPD17708 Datasheet HTML 241Page - Renesas Technology Corp UPD17708 Datasheet HTML 242Page - Renesas Technology Corp UPD17708 Datasheet HTML 243Page - Renesas Technology Corp UPD17708 Datasheet HTML 244Page - Renesas Technology Corp UPD17708 Datasheet HTML 245Page - Renesas Technology Corp UPD17708 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 358 page
background image
240
µPD17704, 17705, 17707, 17708, 17709
16.2.10 Cautions on setting and reading data
Data is set to the presettable shift register 0 by using the “PUT SIO0SFR, DBF” instruction.
To read the data of this register, the “GET DBF, SIO0SFR” instruction is used.
Set or read data of the register in the wait status. If the wait status is released, data may not be correctly set or
read depending on the status of the shift clock pin.
The following table shows the data setting and reading timing, and points to be noted.
Table 16-3. Reading and Writing Data of Presettable Shift Register 0 and Cautions
Status on Execution
Status of Shift
I2C Bus Mode
Serial I/O Mode
of PUT/GET
Clock Pin
Wait
Read (GET)
• I2C bus mode:
Normal read
Normal read
status
Write (PUT)
fixed to low
Normal write
Normal write
• Serial I/O mode:
Outputs contents of MSB when wait
Outputs contents of MSB when wait
fixed to high
status is released next time
status is released next time and shift
(during transmission)
clock pin goes low (during transmission)
Wait
Read (GET)
High level
Cannot be read normally
Cannot be read normally
released
Contents of SIO0SFR are lost
Contents of SIO0SFR are lost
status
Low level
Normal read
Normal read
Write (PUT)
High level
Normal write
Normal write
Outputs contents of MSB at falling
Outputs contents of MSB when PUT
of clock next to one at which PUT
instruction is executed.
instruction has been executed.
Clock counter is not reset
Clock counter is not reset
Low level
Cannot be read normally
Cannot be read normally
Contents of SIO0SFR are lost
Contents of SIO0SFR are lost
MSB
Data
Wait released
PUT SIO0SFR, DBF
Clock
H
L
1
0
MSB
Data
Wait released
PUT SIO0SFR, DBF
Clock
H
L
1
0
MSB
Data
Clock
H
L
1
0
PUT SIO0SFR, DBF
MSB
Data
PUT SIO0SFR, DBF
Clock
H
L
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com