Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 235Page - Renesas Technology Corp UPD17708 Datasheet HTML 236Page - Renesas Technology Corp UPD17708 Datasheet HTML 237Page - Renesas Technology Corp UPD17708 Datasheet HTML 238Page - Renesas Technology Corp UPD17708 Datasheet HTML 239Page - Renesas Technology Corp UPD17708 Datasheet HTML 240Page - Renesas Technology Corp UPD17708 Datasheet HTML 241Page - Renesas Technology Corp UPD17708 Datasheet HTML 242Page - Renesas Technology Corp UPD17708 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 358 page
background image
237
µPD17704, 17705, 17707, 17708, 17709
(3) Operation of clock counter
The value of the clock counter is incremented from the initial value “0” each time the rising of the clock pin
has been detected.
The value of the clock counter returns to “0” after it has reached “8”, and the clock counter continues counting.
The clock counter is also reset in the following cases.
•
At reset (power-ON reset, WDT&SP reset, CE reset)
•
On execution of clock stop instruction
•
If data is written to serial I/O0 wait control register
•
If communication mode is changed from 2-wire or 3-wire serial I/O mode to I2C bus mode
(4) Wait operation and Cautions
When the wait status is released, serial data is output (during transmission operation) at the falling of the next
clock, and the wait status is kept released until a condition (wait condition) set by the SIO0WRQ0 and 1 flags
is satisfied.
When the wait condition is satisfied, the shift clock pin is made high, and the operations of the clock counter
and presettable shift register 0 are stopped.
The value of the presettable shift register 0 cannot be read correctly if it is read while the wait status is released
and while the shift clock pin is high.
Correct data cannot be written to the presettable shift register 0 while the wait status is released and while
the shift clock pin is low.
If the forced wait status is specified while the wait status is released, the forced wait status is set as soon as
“0” has been written to the SIO0NWT flag.
The clock output wave is not affected even if the wait status is released again when it has been already released
once. Note, however, that the clock counter is reset.
(5) Interrupt request issuance timing
Interrupt request issuance timing can be selected by the SIO0IMD0 and 1 flags.
For details, refer to 16.2.7 Interrupt control block.
(6) Acknowledge block and its operation
The acknowledge block operates only in the I2C bus mode.
(7) Shift clock generation timing in serial I/O mode
(a) On releasing wait status from initial status
The initial status is the status when the internal clock operation in the serial I/O mode has been selected.
In the wait status, a high level is output to the shift clock pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com