Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 232Page - Renesas Technology Corp UPD17708 Datasheet HTML 233Page - Renesas Technology Corp UPD17708 Datasheet HTML 234Page - Renesas Technology Corp UPD17708 Datasheet HTML 235Page - Renesas Technology Corp UPD17708 Datasheet HTML 236Page - Renesas Technology Corp UPD17708 Datasheet HTML 237Page - Renesas Technology Corp UPD17708 Datasheet HTML 238Page - Renesas Technology Corp UPD17708 Datasheet HTML 239Page - Renesas Technology Corp UPD17708 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 358 page
background image
234
µPD17704, 17705, 17707, 17708, 17709
Figure 16-12. Shift Clock Generation Timing in I2C Bus Mode (4/5)
(c) During slave (external clock) operation
When the slave operation is specified the first time after application of supply voltage VDD, the SCK pin
waits for input of an external clock and the output pin goes into a high-impedance state.
If the SCL pin is externally made low at this time, it continues outputting a low level until the wait status
is released next time.
Figure 16-12. Shift Clock Generation Timing in I2C Bus Mode (5/5)
1/fSC
Wait request by slave
Wait released status
Shift clock
Wait request by slave cleared
0-3.3 s
Wait request by slave
T
Shift clock
Wait request by slave cleared
T
µ
0-3.3 s
µ
Wait period (originally, Hi-Z)
I/O port
Wait released period
Shift clock
Slave is set
Wait released
(8) Start and stop conditions, and operations of SBSTT and SBBSY flags
The start/stop condition recognition timing is shown in Figure 16-13.
The SBSTT and SBBSY flags operate only in the I2C bus mode.
By detecting these flags, communication status of the other stations can be detected.
These flags operate regardless of whether the device operates as the master or slave, whether it performs
reception or transmission, and whether communication is in the wait status or released from the wait status.
These flags are “0” in the serial I/O mode.
For the operations of the SBSTT and SBBSY flags, refer to Figure 16-10 Timing Chart in I2C Bus Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com