Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 244Page - Renesas Technology Corp UPD17708 Datasheet HTML 245Page - Renesas Technology Corp UPD17708 Datasheet HTML 246Page - Renesas Technology Corp UPD17708 Datasheet HTML 247Page - Renesas Technology Corp UPD17708 Datasheet HTML 248Page - Renesas Technology Corp UPD17708 Datasheet HTML 249Page - Renesas Technology Corp UPD17708 Datasheet HTML 250Page - Renesas Technology Corp UPD17708 Datasheet HTML 251Page - Renesas Technology Corp UPD17708 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 358 page
background image
246
µPD17704, 17705, 17707, 17708, 17709
Figure 16-17. Configuration of Serial I/O1 Mode Selection Register
16.3.3 Clock counter
The clock counter is a wrap-around counter that counts the rising edges of the clock.
Because this counter directly reads the status of the clock pin, whether the clock is an internal clock or external
clock cannot be identified.
The contents of the clock counter cannot be directly read by software.
Name
Flag symbol
b3
S
I
O
1
T
S
b2
S
I
O
1
H
I
Z
b1
S
I
O
1
C
K
1
b0
S
I
O
1
C
K
0
Address
1DH
Read/Write
R/W
Serial I/O1 mode selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
1
0
0
0
0
External clock input
187.50 kHz
375.00 kHz
46.875 kHz
Selects shift clock of serial interface 1
0
0
0
0
0
0
0
0
0
0
1
1
General-purpose I/O port
Serail data output pin
Selects function of P0B1/SO1 pin
0
1
0
0
0
0
Stops (wait status)
Starts
Start or stops operation of serial communication
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com