Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 246Page - Renesas Technology Corp UPD17708 Datasheet HTML 247Page - Renesas Technology Corp UPD17708 Datasheet HTML 248Page - Renesas Technology Corp UPD17708 Datasheet HTML 249Page - Renesas Technology Corp UPD17708 Datasheet HTML 250Page - Renesas Technology Corp UPD17708 Datasheet HTML 251Page - Renesas Technology Corp UPD17708 Datasheet HTML 252Page - Renesas Technology Corp UPD17708 Datasheet HTML 253Page - Renesas Technology Corp UPD17708 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 358 page
background image
248
µPD17704, 17705, 17707, 17708, 17709
16.3.4 Presettable shift register 1
Presettable shift register 1 is an 8-bit shift register that writes serial out data and reads serial in data.
This register writes or reads data via data buffer.
It outputs the contents of the most significant bit (MSB) from the serial data I/O pin in synchronization with the falling
edge of the shift clock (during transmission operation), and reads data to the least significant bit (LSB) in synchronization
with the rising edge of the serial clock.
Figure 16-18 shows the configuration of the presettable shift register 1.
Figure 16-18. Configuration of Presettable Shift Register 1
Note
Data may be destroyed if the PUT or GET instruction is executed during serial communication. For details,
refer to 16.3.7 Cautions on setting and reading data.
16.3.5 Wait control block
The wait control block keeps communication waiting or releases communication from the wait status.
Serial communication is started when communication is released from the wait status by using the SIO1TS flag
of the serial I/O1 mode selection register.
Communication is set in the wait status eight clocks after the wait status has been released and communication
has been started.
The communication status can be detected by using the SIO1TS flag. To do so, detect the status of the SIO1TS
flag after setting this flag to “1”.
If “0” is written to the SIO1TS flag when communication is released from the wait status, the wait status is set. This
wait status is called forced wait status.
For the configuration of the serial I/O1 mode selection register, refer to Figure 16-17.
Data buffer
DBF3
Don't care
DBF2
Don't care
Name
Presettable
shift register 1
Symbol
SIO1SFR
Peripheral
register
04H
DBF1
DBF0
b3 b2
b1 b0
L
S
B
b7
M
S
B
b6
b5 b4
Peripheral register
D3 D2 D1 D0
D7 D6 D5 D4
D7
← D6 ← D5 ← D4 ← D3 ← D2 ← D1 ← D0
Serial out
Serial in
Transfer data
Valid data
Sets serial out data and reads serial in data
GETNote
PUTNote
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com