Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 272Page - Renesas Technology Corp UPD17708 Datasheet HTML 273Page - Renesas Technology Corp UPD17708 Datasheet HTML 274Page - Renesas Technology Corp UPD17708 Datasheet HTML 275Page - Renesas Technology Corp UPD17708 Datasheet HTML 276Page - Renesas Technology Corp UPD17708 Datasheet HTML 277Page - Renesas Technology Corp UPD17708 Datasheet HTML 278Page - Renesas Technology Corp UPD17708 Datasheet HTML 279Page - Renesas Technology Corp UPD17708 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 358 page
background image
274
µPD17704, 17705, 17707, 17708, 17709
Figure 18-3. Configuration of IF Counter Mode Selection Register
Caution The IF counter and external gate counter functions cannot be used at the same time.
Name
Flag symbol
b3
I
F
C
M
D
1
b2
I
F
C
M
D
0
b1
I
F
C
C
K
1
b0
I
F
C
C
K
0
Address
22H
Read/Write
R/W
IF counter mode selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
1
0
0
0
0
1 ms
4 ms
8 ms
Open
1 kHz
100 kHz
900 kHz
Setting prohibited
Selects gate time of IF counter and reference frequency of external gate counter
Gate time of IF counter
Reference frequency of
external gate counter
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
1
External gate counter (FCG)
IF counter (AMIFC pin, AMIF count mode)
IF counter (FMIFC pin, FMIF count mode, 1/2 division)
IF counter (FMIFC pin, AMIF count mode)
Selects function of IF counter or external gate counter
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com