Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 276Page - Renesas Technology Corp UPD17708 Datasheet HTML 277Page - Renesas Technology Corp UPD17708 Datasheet HTML 278Page - Renesas Technology Corp UPD17708 Datasheet HTML 279Page - Renesas Technology Corp UPD17708 Datasheet HTML 280Page - Renesas Technology Corp UPD17708 Datasheet HTML 281Page - Renesas Technology Corp UPD17708 Datasheet HTML 282Page - Renesas Technology Corp UPD17708 Datasheet HTML 283Page - Renesas Technology Corp UPD17708 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 358 page
background image
278
µPD17704, 17705, 17707, 17708, 17709
Figure 18-7. Configuration of IF Counter Gate Status Detection Register
Cautions 1.
Do not read the contents of the IF counter data register (IFC) to the data buffer while the
IFCGOSTT flag is set to 1.
2.
The gate of the external gate counter cannot be opened or closed by the IFCGOSTT flag. Use
the IFCSTRT flag to open or close the gate.
Name
Flag symbol
b3
0
b2
0
b1
0
b0
I
F
C
G
O
S
T
T
Address
21H
Read/Write
R
IF counter gate status
detection
0
1
Detects opening/closing of gate of frequency counter
When IF counter function is selected
When external gate counter
function is selected
Fixed to “0”
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
0
0
0
0
00
Sets IFCSTRT flag to “1” and is set to
1 until gate is closed
Sets IFCSTRT flag to “1” and is set to
1 while gate is open, regardless of
input of P2A0/FCG0 and P2A1/FCG1
pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com