Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 279Page - Renesas Technology Corp UPD17708 Datasheet HTML 280Page - Renesas Technology Corp UPD17708 Datasheet HTML 281Page - Renesas Technology Corp UPD17708 Datasheet HTML 282Page - Renesas Technology Corp UPD17708 Datasheet HTML 283Page - Renesas Technology Corp UPD17708 Datasheet HTML 284Page - Renesas Technology Corp UPD17708 Datasheet HTML 285Page - Renesas Technology Corp UPD17708 Datasheet HTML 286Page - Renesas Technology Corp UPD17708 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 358 page
background image
281
µPD17704, 17705, 17707, 17708, 17709
18.3.4 Function and operation of 16-bit counter
The 16-bit counter counts up the frequency input within selected gate time.
The 16-bit counter can be reset by writing “1” to the IFCRES flag of the IF counter control register.
Once the 16-bit counter has counted up to FFFFH, it remains at FFFFH until it is reset.
The following paragraphs (1) and (2) describe the operations when the IF counter function is selected and when
the external gate counter function is selected.
The value of the IF counter data register is read via data buffer.
Figure 18-8 shows the configuration and function of the IF counter data register.
(1) When IF counter is selected
The frequency input to the P1C0/FMIFC or P1C1/AMIFC pin is counted while the gate is open. Note, however,
that the frequency input to the P1C0/FMIFC is divided by two and counted.
The relationship between count value “x (decimal)” and input frequencies (fFMIFC and fAMIFC) is shown below.
• FMIFC
fFMIFC =
x
× 2 (kHz)
tGATE: gate time (1 ms, 4 ms, 8 ms)
tGATE
• AMIFC
fAMIFC =
x
(kHz)
tGATE: gate time (1 ms, 4 ms, 8 ms)
tGATE
(2) When external gate counter (FCG) is selected
The internal frequency is counted while the gate is opened by the signal input to the P2A1/FCG1 or P2A0/
FCG0 pin.
The relationship between the count value “x (decimal)” and the gate width tGATE of the input signal is shown
below.
tGATE =
x
(ms)
fr: internal frequency (1, 100, 900 kHz)
fr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com