Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 280Page - Renesas Technology Corp UPD17708 Datasheet HTML 281Page - Renesas Technology Corp UPD17708 Datasheet HTML 282Page - Renesas Technology Corp UPD17708 Datasheet HTML 283Page - Renesas Technology Corp UPD17708 Datasheet HTML 284Page - Renesas Technology Corp UPD17708 Datasheet HTML 285Page - Renesas Technology Corp UPD17708 Datasheet HTML 286Page - Renesas Technology Corp UPD17708 Datasheet HTML 287Page - Renesas Technology Corp UPD17708 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 358 page
background image
282
µPD17704, 17705, 17707, 17708, 17709
Figure 18-8. Configuration of IF Counter Data Register
Data buffer
DBF3
DBF2
Name
IF counter
data register
Symbol
IFC
Peripheral address
43H
DBF1
DBF0
b3 b2 b1 b0
b6 b5 b4
b10 b9 b8 b7
b13 b12
b15 b14
b11
Peripheral register
0
Transfer data
Valid data
GET can be executed
PUT changes nothing
16
Count value of frequency counter
x
216–1 (FFFFH)
IF counter function
• FMIF count mode of FMIFC pin
Counts rising edge of signal input to
P1C0/FMIFC pin via 1/2 divider
• AMIF count mode of AMIFC pin
Counts rising edge of signal input to
P1C1/AMIFC pin
• AMIF count mode of FMIFC pin
Counts rising edge of signal input to
P1C0/FMIFC pin
External gate counter function
Counts rising edge of internal reference
frequency signal from rising edge to next
rising edge of signal input to
P2A0/FCG0 or P2A1/FCG1 pin
Once the IF counter data register has counted up to FFFFH, it remains at FFFFH until the counter is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com