Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 277Page - Renesas Technology Corp UPD17708 Datasheet HTML 278Page - Renesas Technology Corp UPD17708 Datasheet HTML 279Page - Renesas Technology Corp UPD17708 Datasheet HTML 280Page - Renesas Technology Corp UPD17708 Datasheet HTML 281Page - Renesas Technology Corp UPD17708 Datasheet HTML 282Page - Renesas Technology Corp UPD17708 Datasheet HTML 283Page - Renesas Technology Corp UPD17708 Datasheet HTML 284Page - Renesas Technology Corp UPD17708 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 358 page
background image
279
µPD17704, 17705, 17707, 17708, 17709
18.3.2 Operation of gate when IF counter function is selected
(1) When gate time of 1, 4, or 8 ms is selected
The gate is opened for 1, 4, or 8 ms from the rising of the internal 1-kHz signal after the IFCSTRT flag has
been set to 1, as illustrated below.
While this gate is open, the frequency input from a selected pin is counted by a 16-bit counter.
When the gate is closed, the IFCG flag is cleared to 0.
The IFCGOSTT flag is automatically set to 1 when the IFCSTRT flag is set.
(2) When gate is open
If opening of the gate is selected by the IFCCK1 and IFCCK0 flags, the gate is opened as soon as its opening
has been selected, as illustrated below.
If the counter is started by using the IFCSTRT flag while the gate is open, the gate is closed after undefined
time.
To open the gate, therefore, do not set the IFCSTRT flag to 1.
However, the counter can be reset by the IFCRES flag.
Sets IFCCK1 = IFCCK0 = 1
Gate is actually opened at this point.
If gate is opened while IFCGOSTT flag is 1, it is closed after undefined time
Count period
Gate is closed after undefined time if IFCSTRT flag is set during this period
H
Internal 1 kHz L
OPEN
CLOSE
Gate
The gate is opened or closed in the following two ways when opening the gate is selected as the gate time.
Gate is actually opened at this point
Count period (IFCGOSTT flag = 1)
IFCSTRT flag is set
IFCGOSTT flag is set at this point
End of counting
IFGOSTT flag is cleared
H
Internal 1 kHz
1 ms
Gate time
4 ms
8 ms
L
OPEN
CLOSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com