Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 278Page - Renesas Technology Corp UPD17708 Datasheet HTML 279Page - Renesas Technology Corp UPD17708 Datasheet HTML 280Page - Renesas Technology Corp UPD17708 Datasheet HTML 281Page - Renesas Technology Corp UPD17708 Datasheet HTML 282Page - Renesas Technology Corp UPD17708 Datasheet HTML 283Page - Renesas Technology Corp UPD17708 Datasheet HTML 284Page - Renesas Technology Corp UPD17708 Datasheet HTML 285Page - Renesas Technology Corp UPD17708 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 358 page
background image
280
µPD17704, 17705, 17707, 17708, 17709
(a) Resetting the gate to other than open by using IFCCK1 and IFCCK0 flags
(b) Unselect pin used by using IFCMD1 and IFCMD0 flags
In this way, the gate remains open, and counting is stopped by disabling input from the pin.
18.3.3 Gate operation when external gate counter function is selected
The gate is opened from the rising to the next rising of the signal input to a selected pin after the IFCSTRT flag
has been set to 1, as illustrated below.
While the gate is open, the internal frequency (1 kHz, 100 kHz, 900 kHz) is counted by a 16-bit counter.
The IFCGOSTT flag is set to 1 from the rising to the next rising of the external signal after the IFCSTRT flag has
been set.
In other words, the opening or closing of the gate cannot be detected by the IFCG flag when the external gate
counter function is selected.
If reset and started while gate is open
IFCCK1 = IFCCK0 = 1
Count period
Resetting the gate to other than open
by IFCCK1 and IFCCK0 flags
OPEN
Gate
CLOSE
Gate
OPEN
CLOSE
Sets IFCCK1 = IFCCK0 = 1
Count period
Sets IFCMD1 = IFCMD0 = 0 (FCG)
FMIFC and AMIFC pins are unselected and
count signal cannot be input
H
L
OPEN
CLOSE
External signal
Gate
Count period
Gate is opened at
this point
End of counting
IFCGOSTT flag is “0”
IFCSTRT flag
← 1
H
L
OPEN
CLOSE
External signal
Gate
Count period
Count period
IFCSTRT flag
← 1
Gate is opened at
this point
End of counting
IFCGOSTT flag is “0”
IFCSTRT flag
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com