Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 3Page - Cirrus Logic CS4812 Datasheet HTML 4Page - Cirrus Logic CS4812 Datasheet HTML 5Page - Cirrus Logic CS4812 Datasheet HTML 6Page - Cirrus Logic CS4812 Datasheet HTML 7Page - Cirrus Logic CS4812 Datasheet HTML 8Page - Cirrus Logic CS4812 Datasheet HTML 9Page - Cirrus Logic CS4812 Datasheet HTML 10Page - Cirrus Logic CS4812 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS4812
DS291PP3
7
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI SLAVE
(TA = 25 °C; VA, VD = 5 V; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 30 pF)
Notes: 11. Data must be held for sufficient time to bridge 100 ns transition time of CCLK.
12. CDOUT should NOT be sampled during this time period.
13. DSPCLK frequency is twice the DSP instruction rate.
14. Timing is guaranteed by characterization. Production test guarantees functionality.
Parameter
Symbol
Min
Max
Unit
SPI Slave Mode (SPI/I2C = 0, SCPM/S = 0, Note 14)
CCLK Clock Frequency
fsck
-6
MHz
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
Rise Time of Both CDIN and CCLK Lines
tr
-100
ns
Fall Time of Both CDIN and CCLK Lines
tf
-100
ns
Setup Time CDIN to CCLK Rising
tcdisu
40
-
ns
Hold Time CCLK Rising to CDIN
(Note 11)
tcdih
15
-
ns
Time from CCLK edge to CDOUT Valid
(Note 12)
tscdov
-45
ns
Rise Time for CDOUT
tcdor
-25
ns
Fall Time for CDOUT
tcdof
-25
ns
CS Falling to CCLK Rising
tcss
20
-
ns
Time from CCLK Falling to CS Rising
tsccsh
0-
ns
High Time Between Active CS
tcsht
1-
µs
Time from CCLK Rising to REQ Rising
(Note 13)
tscrh
-2*DSPCLK+10
ns
Rise Time for REQ
trr
-100
ns
Fall Time for REQ
trf
-100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com