Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 15Page - Cirrus Logic CS4812 Datasheet HTML 16Page - Cirrus Logic CS4812 Datasheet HTML 17Page - Cirrus Logic CS4812 Datasheet HTML 18Page - Cirrus Logic CS4812 Datasheet HTML 19Page - Cirrus Logic CS4812 Datasheet HTML 20Page - Cirrus Logic CS4812 Datasheet HTML 21Page - Cirrus Logic CS4812 Datasheet HTML 22Page - Cirrus Logic CS4812 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
CS4812
DS291PP3
19
3.4
Clock Generation
The CS4812 master clock may be generated by us-
ing the on-chip oscillator with an external crystal or
may be derived from an external clock source.
3.4.1
Clock Source
The CS4812 requires a 256 Fs master clock to run
the internal logic. The two possible clock sources
are the on-chip crystal oscillator or an external clock
input to the XTI pin.
When using the on-chip crystal oscillator, external
loading capacitors are required. (see Figure 5) High
frequency crystals (>8 MHz) should be parallel
resonant, fundamental mode and designed for
20 pF loading. (equivalent to 40 pF to ground on
each leg)
3.5
Serial Control Port
The serial control port contains all of the main con-
trol logic for the chip. It controls power-on se-
quencing,
hardware
configuration
and
DSP
operation. In AutoBoot mode, the serial control
port manages the entire boot process including ini-
tialization of its own hardware configuration regis-
ters from EEPROM, code download from the
EEPROM to the DSP and initialization of the CO-
DEC. In host-controlled mode, the host-device ini-
tializes the hardware configuration registers and
downloads the application code to the DSP via 2
dedicated control port registers. Application mes-
saging between the host and the DSP is also done
via these control port registers. The operation of the
control port may be completely asynchronous to
the audio sample rate. However, it is recommended
that the control port pins remain static when not in
use.
The required control port register settings are con-
tained in the Crystal effects firmware application
code EEPROM image.
The control port supports the SPI bus and the I2C®
bus in both master and slave modes. The bus inter-
face is selected via the SPI/I2C pin and the mas-
ter/slave mode is selected via the SCPM/S pin.
These pins are sampled during de-assertion of the
RST pin.
Master mode is selected for stand-alone operation
when AutoBooting from an external serial EE-
PROM. Slave mode is selected when the CS4812 is
connected to an external host controller.
3.5.1
SPI Bus
The SPI bus interface consists of 5 digital signals,
CCLK, CDIN, CDOUT, CS and REQ. CCLK, the
control port bit clock, is used to clock individual data
bits. CDIN, the control data input, is the serial data
input line to the CS4812. CDOUT, the control data
output, is the output data line from the CS4812. It is
open-drain and requires a 2.2 k
Ω pull-up resistor.
CS, the chip select signal, is asserted low to enable
the SPI port. REQ, the request pin, is used by the
DSP to request a read by a host controller when op-
erating in control port slave mode. Data is clocked
into the chip on the rising edge of CCLK and out on
the falling edge. When in slave mode, the CLK sig-
nal must be synchronous with the internal DSP
clock. An external D flip flop off of CLKOUT as
shown in Figure 9 can be used to retime the CLK sig-
nal. There is limited drive capability on CLKOUT so
Line Out
VA
From
CS4812
PIO
MMBT3906
MMBT3904
MMBT3906
10 k
Ω
10 k
Ω
10 k
Ω
GND
3.3 k
Ω
10
µF
1 k
Ω
10
µF
+
From Op-Amp
Figure 13. Output Mute Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com