Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 19Page - Cirrus Logic CS4812 Datasheet HTML 20Page - Cirrus Logic CS4812 Datasheet HTML 21Page - Cirrus Logic CS4812 Datasheet HTML 22Page - Cirrus Logic CS4812 Datasheet HTML 23Page - Cirrus Logic CS4812 Datasheet HTML 24Page - Cirrus Logic CS4812 Datasheet HTML 25Page - Cirrus Logic CS4812 Datasheet HTML 26Page - Cirrus Logic CS4812 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
CS4812
DS291PP3
23
During a read sequence, multiple bytes may be read
by continuing to clock out data bytes to the CS4812
after the first data byte and before de-asserting CS.
If auto increment is disabled, the last data byte read
will be the register designated by the MAP. If auto
increment is enabled, data bytes read following the
first data byte will be read from successive registers
following that designated in the MAP.
3.5.2
I2C Bus
The I2C bus interface implemented on the CS4812
consists of 3 digital signals, SCL, SDA and REQ.
SCL, or serial clock, is used to clock individual
data bits. SDA, or serial data, is a bidirectional data
line. REQ, the request pin, is used by the DSP to re-
quest a host read when operating in control port
slave mode. Two additional pins, AD1 and AD0,
are inputs which determine the 2 lowest order bits
of the 7-bit I2C device address.
SCL may be defined as an input or an output with
respect to the CS4812. If the serial control port of
the CS4812 is defined as the master, then SCL is an
open-drain output and requires a pull-up resistor as
shown in Figure 5. Conversely, if the serial control
port of the CS4812 is defined as the slave, then
SCL is an input.
SDA carries time-multiplexed bidirectional serial
data. It is open-drain and requires a pull-up resistor
as shown in Figure 5.
AD1 and AD0, the inputs which determine the 2
lowest order bits of the 8-bit I2C device address, are
meaningful only when the CS4812 is operating as
a slave device and may be tied to ground when the
CS4812 is configured for master mode.
When operating in control port slave mode, the
REQ output pin is used by the CS4812 DSP to re-
quest communication with the master.
3.5.2.1
I2C Master Mode
The I2C master mode is designed for read-only op-
eration during AutoBooting from a serial EE-
PROM. A typical AutoBoot sequence with a
Microchip X24256 serial EEPROM, or equivalent,
is shown in Figure 20. On exit from reset, the
CS4812 sends an initial write preamble to the EE-
PROM which consists of a I2C start condition and
the slave address byte. The slave address consists
of the 4 most significant bits set to 1010, the fol-
lowing 3 bits corresponding to the device select
bits, A2, A1 and A0 set to 000 and the last bit (R/W)
set to 0. Following this, a 2-byte EEPROM starting
address of 0x0000 is sent to the EEPROM. The 2-
byte EEPROM starting address uses only the low-
est 13 bits and sets the highest 3 bits to zero. To be-
gin reading from the EEPROM, the CS4812 sends
another start condition followed by a read pream-
ble. The read preamble is identical to the write pre-
amble except for the state of the R/W bit. The
CS4812 then automatically clocks out sequential
bytes from the EEPROM until the last byte has
been received. These bytes include initial values
for all control port registers as well as the DSP ap-
plication code. After the last byte, the CS4812 ini-
tiates a stop condition and begins program
execution. At this point, the serial control port be-
comes inactive until the next reset. Actual EE-
0
1
2
3
16 17 18 19
25 26 27 28 29
CHIP ADDRESS (WRITE)
CHIP ADDRESS (READ)
MEMORY ADDRESS
DATA
DATA +n
START
ACK
NO
START
STOP
ACK
ACK
ACK
ACK
1
0
1
0
A
2
A
1
A
0
0
0
0
0
0
0
0
1
0
1
0
A
2
A
1
A
0
1
7
0
7
0
SCL
SDA
34 35 36 37
30 31 32 33
8
9
10
4
5
6
7
Figure 20. Control Port Timing, I2C Master Mode AutoBoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com