Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 23Page - Cirrus Logic CS4812 Datasheet HTML 24Page - Cirrus Logic CS4812 Datasheet HTML 25Page - Cirrus Logic CS4812 Datasheet HTML 26Page - Cirrus Logic CS4812 Datasheet HTML 27Page - Cirrus Logic CS4812 Datasheet HTML 28Page - Cirrus Logic CS4812 Datasheet HTML 29Page - Cirrus Logic CS4812 Datasheet HTML 30Page - Cirrus Logic CS4812 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
CS4812
DS291PP3
27
tion code. This technique allows for real-time
control of all parameters specific to the application
code. Please refer to Figure 26 for the HostBoot
procedure flow chart and to Section 1.2.1 of
AN195 for an example of a host boot sequence.
3.7
Resets
There are several reset mechanisms in the CS4812
which affect different parts of the chip. Full chip re-
set can only be achieved by asserting the external
RST pin. With RST asserted, the chip enters low
power mode during which the control port, CO-
DEC and DSP are reset, all registers are returned to
their default values and the DAC outputs are mut-
ed. The RST pin should be asserted during power-
up until the power supplies have reached steady
state.
If the supply voltage drops below 4 Volts, the CO-
DEC is reset, the DAC outputs are muted and the
DSP automatically executes a soft reset.
Upon exit from a CODEC reset, the DSP restarts
the application code and the CODEC performs the
following procedure:
– The CODEC resynchronizes.
– The DAC outputs unmute.
Figure 26. HostBoot Flow Diagram
WRITE BYTE 0XA4
TO CONTROL PORT
REGISTER 4 (MAP = 4)
WRITE BYTE 0XA5
TO CONTROL PORT
REGISTER 4
WRITE BYTE 0XA7
TO CONTROL PORT
REGISTER 4
SEND 3 BYTE MESSAGE TO
THE DSP INPUT REGISTER
(MAP = 3) :0X000004
WAIT FOR REPLY FROM DSP
(REQ LINE GOES LOW)
READ REPLY BYTE FROM DSP
OUTPUT REGISTER (MAP = 27)
N
Y
REPLY BYTE
= 0X01?
WRITE .LDT FILE INTO
DSP INPUT REGISTER (MAP = 16)
(LOAD APPLICATION CODE)
REQ
LOW?
READ REPLY BYTE FROM DSP
OUTPUT REGISTER (MAP = 27)
N
Y
REPLY BYTE
= 0X02?
SEND 3 BYTE MESSAGE TO
THE DSP INPUT REGISTER
(MAP = 16):0X000005
WRITE BYTE 0XA6
TO CONTROL PORT
REGISTER 4
SEND APPLICATION
SPECIFIC CONTROL PORT
CONFIG BYTES
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com