Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 6Page - Cirrus Logic CS4812 Datasheet HTML 7Page - Cirrus Logic CS4812 Datasheet HTML 8Page - Cirrus Logic CS4812 Datasheet HTML 9Page - Cirrus Logic CS4812 Datasheet HTML 10Page - Cirrus Logic CS4812 Datasheet HTML 11Page - Cirrus Logic CS4812 Datasheet HTML 12Page - Cirrus Logic CS4812 Datasheet HTML 13Page - Cirrus Logic CS4812 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS4812
10
DS291PP3
SWITCHING CHARACTERISTICS - CONTROL PORT - I2C® SLAVE
(TA = 25 °C; VA, VD = 5 V; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 30 pF)
Notes: 17. Use of the I2C bus interface requires a license from Philips. I2C is a registered trademark of Philips
Semiconductors.
18. Not tested.
19. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
20. DSPCLK frequency is twice the DSP instruction rate.
Parameter
Symbol
Min
Max
Units
I2C® Slave Mode (SPI/I2C = 1, SCPM/S = 0) (Note 17)
SCL Clock Frequency
fscl
-100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
SCL Low Time
tlow
4.7
-
µs
SCL High Time
thigh
4.0
-
µs
RST rising to start condition
(Note18)
tsrs
1-
ms
SDA Hold Time from SCL Falling
(Note 19)
thdd
0-
µs
Rise Time of Both SDA and SCL
tr
-1
µs
Fall Time of Both SDA and SCL
tf
-300
ns
SCL Falling to CS4812 ACK
tsca
-1.3
µs
SCL Falling to SDA Valid During READ
tscsdv
-1.5
µs
Time from SCL Rising to REQ Rising
(Note 20)
tscrh
-2*DSPCLK+10
ns
Rise Time for REQ
trr
-100
ns
Fall Time for REQ
trf
-100
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Setup Time for Repeated Start
tsust
4.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com