Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4812 Datasheet HTML 1Page - Cirrus Logic CS4812 Datasheet HTML 2Page - Cirrus Logic CS4812 Datasheet HTML 3Page - Cirrus Logic CS4812 Datasheet HTML 4Page - Cirrus Logic CS4812 Datasheet HTML 5Page - Cirrus Logic CS4812 Datasheet HTML 6Page - Cirrus Logic CS4812 Datasheet HTML 7Page - Cirrus Logic CS4812 Datasheet HTML 8Page - Cirrus Logic CS4812 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS4812
DS291PP3
5
DAC CHARACTERISTICS (T
A = 25°C; VA, VD = + 5V; -1 dB Full Scale Output Sine wave,
997 Hz; Fs = 48 kHz; XTI = 12.288 MHz (PLL disabled). Measurement Bandwidth is 20 Hz to 20 kHz.)
Notes: 7. Measured with DAC calibration disabled.
8. Measured with XTI clock disabled.
Parameters
Symbol
Min
Typ
Max
Units
Analog Output Characteristics - Minimum Attenuation, 10 k
Ω, 100 pF load; unless otherwise specified.
DAC Resolution
16
-
24
Bits
Dynamic Range
(DAC not muted, A weighted)
95
100
-
dB
Total Harmonic Distortion + Noise
THD+N
-
-90
-85
dB
Interchannel Isolation
-
90
-
dB
Interchannel Gain Mismatch
-
0.1
-
dB
Offset Voltage (differential)
(Note 7)
-
-20 ± 5
-
mV
Offset Voltage (V+/V- relative to CMOUT)
(Note 7)
-
-45/-25
-
mV
Full Scale Output Voltage
(Differential)
1.9
2.0
2.1
Vrms
Gain Drift
(Note 2)
-
100
-
ppm/°C
Out of Band Energy
(Fs/2 to 2Fs, Note 2)
-
-60
-
dBFS
Analog Output Load
Resistance
Capacitance
10
-
-
-
-
100
k
Ω
pF
Group Delay (Fs = Input Sample Rate)
tgd
-16/Fs
-
s
Analog Loopback Performance
Signal-to-Noise Ratio (CCIR-2K weighted, -20 dB input)
CCIR-2K
-
74
-
dB
Power Supply
Power Supply Current
Operating
Power Down
(Note 8)
-
-
200
1
-
-
mA
mA
Power Supply Rejection
(1 kHz, 10 mVrms, Note 2)
-
50
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com