Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 10Page - Cirrus Logic CS4812 Datasheet HTML 11Page - Cirrus Logic CS4812 Datasheet HTML 12Page - Cirrus Logic CS4812 Datasheet HTML 13Page - Cirrus Logic CS4812 Datasheet HTML 14Page - Cirrus Logic CS4812 Datasheet HTML 15Page - Cirrus Logic CS4812 Datasheet HTML 16Page - Cirrus Logic CS4812 Datasheet HTML 17Page - Cirrus Logic CS4812 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
CS4812
14
DS291PP3
2. TYPICAL CONNECTION DIAGRAMS
Ferrite Bead
+ 1 µF
0.1
µF
43
VA 1..3
VD 1..2
AGND1..4
DGND1..4
XTO XTI
46
45
Optional External
Clock Input instead
of Crystal
44
7
AOUT1+
9
AOUT2+
37
PIO2
35
PIO3
Control/
Monitor
Circuitry
72
69
SPI/I2C
Mode/Reset
Circuit
All unused inputs
should be tied to ground.
CS4812
40
PIO1
41
ANALOG
FILTER
R= 33
Ω
S
65
66
64
70
SCPM/S
RST
PIO0
88
18
8
AOUT1-
10
AOUT2-
13
89
19
42
11
39 pF
RESET
1 M
Ω
39 pF
D
A
D
D
D
D
D
AA
D
82
83
RES-DGND
RES-DGND
+ 1 µF
0.1
µF
12
+5 V
32
34
36
57
RES-DGND
58
38
48
59
RES-DGND
RES-DGND
RES-NC
RES-NC
RES-NC
RES-DGND
RES-DGND
14
15
16
17
20
21
22
23
RES-NC
RES-NC
RES-NC
RES-NC
RES-NC
RES-NC
RES-NC
RES-NC
ANALOG
FILTER
ANALOG
FILTER
86
AIN1L+
87
AIN1L-
90
AIN1R+
91
AIN1R-
ANALOG
FILTER
92
1
µF
CMOUT
To Optional
Input and
Output Buffers
0.1 µF
A
A
OVL
39
93
94
0.1 µF
1µF
+
CMFILT+
CMFILT-
A
63
62
68
67
Microcontroller
SCL/CCLK
SDA/CDOUT
AD0/CS
AD1/CDIN
71
REQ
2.2
K
2.2
K
VD VD
Program ROM
or
Serial EEPROM
DQ
74HC74
47
R
S
CLKOUT
95
97
RES-NC
RES-NC
96
RES-DGND
60
61
RES-NC
RES-NC
73
RES-VD
VD
Figure 5. Typical Connection Diagram, Control Port Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com