Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4812 Datasheet HTML 1Page - Cirrus Logic CS4812 Datasheet HTML 2Page - Cirrus Logic CS4812 Datasheet HTML 3Page - Cirrus Logic CS4812 Datasheet HTML 4Page - Cirrus Logic CS4812 Datasheet HTML 5Page - Cirrus Logic CS4812 Datasheet HTML 6Page - Cirrus Logic CS4812 Datasheet HTML 7Page - Cirrus Logic CS4812 Datasheet HTML 8Page - Cirrus Logic CS4812 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4812
Fixed Function Multi-Effects Audio Processor
Features
l DSP for embedded reverb/effects
applications
– 24-bit Audio Processing Engine
– No External RAM required
– Two 24-bit
∆Σ ADCs with 100 dB Dyn. Range
– Two 24-bit
∆Σ DACs with 100 dB Dyn. Range
l Mono Guitar or Mixer Effects firmware
included
l Real time parameter control via messaging
protocol
l Serial Control Port for microcontroller
interface
l Single +5V supply operation
l 100-pin Metric Quad Flat Package (MQFP)
ORDERING INFO
CS4812-KM
-10 to +70°C
100-pin MQFP
CDB4812
Electric Guitar Effects w/
Parameter Controls.
Description
The CS4812 is a complete audio effects processing
system on a chip. This device includes a proprietary 24-
bit audio processing engine with considerable on-chip
RAM, two ADCs and two DACs. A full-featured serial
control port allows interfacing to an external host
microcontroller. Other features such as single +5V
operation simplify system design.
The CS4812, combined with Crystal effects firmware, is
the ideal solution for a variety of effects processing
applications where user parameter control is desired.
The Crystal effects firmware provides a messaging
protocol for the serial control port that allows an external
microcontroller to have real-time parameter control over
the audio effects. The complete processor and effects
solution
may
be
evaluated
with
the
CDB4812
demonstration board. The CDB4812 demonstrates a
host of mono electric guitar effects including a digital
spring reverb, delay, chorus, flange and tremolo with
parameter adjustment capability. Please refer to AN195
for more information on application firmware for the
CS4812.
I
968ÃÆ
968ÃÆ!
8HPVU
8HADGU
8HADGU
6DIG
6DIS
YUP
YUD
8GP8F
H6I6B@S
6PVU 
6PVU!
WPGU6B@
S@A@S@I8@
QDP"
QDP!
QDP
QDP
TU@S@P
6I
6G
P
B
ÃG
QA
Ã6
I9
P
VU
QV
UÃ
TU
6B
@
9D
B
DU
6G
ÃC
QA
6DIS
6DIG
T@SD6GÃ8PIUSPGÃQPSUÃTQD…ÃD8
698
T8QHT TQDD!8 T8G88GF T9689PVU 69 89DI 698T
S@R
STU
PWG@SS
Ã
ÃÃ
9DBDU6G
Ã
QSPQSD@U6S`
!#7DUÃ6V9DP
QSP8@TTDIBÃ@IBDI@
S6H
8GFPVU
ADGU@ST
6PVU 
6PVU!
JUL ‘01
DS291PP3


Similar Part No. - CS4812

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4811 CIRRUS-CS4811 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
logo
Applied Micro Circuits ...
CS4811 AMCC-CS4811 Datasheet
221Kb / 5P
Multi Protocol Termination for 2047 Channels
logo
Cirrus Logic
CS4811-KM CIRRUS-CS4811-KM Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
CS4811GTR-01 CIRRUS-CS4811GTR-01 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
CS4811MXR-01 CIRRUS-CS4811MXR-01 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
More results

Similar Description - CS4812

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
logo
STMicroelectronics
TDA7432 STMICROELECTRONICS-TDA7432 Datasheet
87Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
TDA7433 STMICROELECTRONICS-TDA7433 Datasheet
65Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
Nov-1999
TDA7434 STMICROELECTRONICS-TDA7434 Datasheet
88Kb / 10P
BASIC FUNCTION AUDIO PROCESSOR
Aug-1996
logo
Cirrus Logic
CS4811 CIRRUS-CS4811 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
logo
Texas Instruments
TAS3103 TI-TAS3103 Datasheet
949Kb / 146P
Digital Audio Processor With 3D Effects
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
Multi-Function Digital Audio Decoder
logo
Texas Instruments
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
Digital Audio Processor With 3D Effects
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
Digital Audio Processor With 3D Effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com